công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDA903U-KBX bảng dữ liệu(PDF) 30 Page - STMicroelectronics

tên linh kiện FDA903U-KBX
Giải thích chi tiết về linh kiện  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903U-KBX bảng dữ liệu(HTML) 30 Page - STMicroelectronics

Back Button FDA903U-KBX Datasheet HTML 26Page - STMicroelectronics FDA903U-KBX Datasheet HTML 27Page - STMicroelectronics FDA903U-KBX Datasheet HTML 28Page - STMicroelectronics FDA903U-KBX Datasheet HTML 29Page - STMicroelectronics FDA903U-KBX Datasheet HTML 30Page - STMicroelectronics FDA903U-KBX Datasheet HTML 31Page - STMicroelectronics FDA903U-KBX Datasheet HTML 32Page - STMicroelectronics FDA903U-KBX Datasheet HTML 33Page - STMicroelectronics FDA903U-KBX Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
Muting function architecture
FDA903U
30/80
DS12498 Rev 2
Figure 44. Digital-Mute diagram
Note:
in case of I2C mute the Digital-mute actuation does not follow Analog-mute level but only the
I2C command.
7.4
Mixed mute advantages
The mixed mute approach is the superposition of the two mute actuators, Analog-Mute and
Digital-mute, at the same time.
Here below the example of previous pages with mixed mute:
Figure 45. Mixed mute diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80