công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPSB0815 bảng dữ liệu(PDF) 113 Page - STMicroelectronics

tên linh kiện SPSB0815
Giải thích chi tiết về linh kiện  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0815 bảng dữ liệu(HTML) 113 Page - STMicroelectronics

Back Button SPSB0815 Datasheet HTML 109Page - STMicroelectronics SPSB0815 Datasheet HTML 110Page - STMicroelectronics SPSB0815 Datasheet HTML 111Page - STMicroelectronics SPSB0815 Datasheet HTML 112Page - STMicroelectronics SPSB0815 Datasheet HTML 113Page - STMicroelectronics SPSB0815 Datasheet HTML 114Page - STMicroelectronics SPSB0815 Datasheet HTML 115Page - STMicroelectronics SPSB0815 Datasheet HTML 116Page - STMicroelectronics SPSB0815 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 135 page
background image
Bit
Name
Description
17
RES
Reserved
16
RES
Reserved
15
RES
Reserved
14
RES
Reserved
13
RES
Reserved
12
RES
Reserved
11
RES
Reserved
10
RES
Reserved
9
RES
Reserved
8
RES
Reserved
7
RES
Reserved
6
RES
Reserved
5
RES
Reserved
4
RES
Reserved
3
RES
Reserved
2
IWK
Wake-up event on CAN and wake-up pins in V1standby mode
0 Device moves in Active Mode (default)
1 Device remains in V1standby mode. Interrupt generated on NINT pins
1
ICMP
V1 load current supervision
0 Enabled ; Watchdog is disabled in V1_standby when Iv1< ICMP (default)
1 Disabled; watchdog is disabled upon transition into v1stby mode
setting ICMP = 1 is only possible when ICMP_config_en = 1
0
ICMP_SET
Set thresholds for ICMP:
0 Low values for rising and falling (default)
1 High values for rising and falling
Table 111. Configuration register (0x3F)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
WU
_NI
NT
_M
AS
K
DIA
GN
_E
XT
IC
MP
_C
ON
FIG
_E
N
Access
0
(R/
W)
1
(R/
W)
0 (R/W)
0 (R)
0 (R/W)
0
(R)
Table 112. Configuration register signals description
Bit
Name
Description
23
CAN_LOOP_EN
CAN Looping of TxD_C to RxD_C
0 CAN looping disabled (default)
1 CAN looping enabled
SPSB081
Control registers
DS14048 - Rev 1
page 113/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More