| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPSB0815 bảng dữ liệu(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB0815 bảng dữ liệu(HTML) 110 Page - STMicroelectronics |
|
110 / 135 page ![]() Bit Name Description 14 Reserved 13 Reserved 12 Reserved 11 Reserved 10 Reserved 9 Reserved 8 Reserved 7 Reserved 6 Reserved 5 Reserved 4 Reserved 3 Reserved 2 Reserved 1 Reserved 0 Reserved Table 105. Control register CR20 (0x14) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name Access 0 (R/W) Table 106. CR20 signals description Bit Name Description 23 Reserved 22 Reserved 21 Reserved 20 TSD_Cluster EN Enables thermal warning and shutdown of outputs by cluster 0: TSD and TW by cluster off (default) 1: TSD and TW by cluster on 19 Reserved 18 Reserved 17 Reserved 16 Reserved 15 Reserved 14 Reserved 13 OUTHS_CCM Constant current mode on OUT_HS enable(1): 0 Disabled (default) SPSB081 Control registers DS14048 - Rev 1 page 110/135 |