| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPSB0815 bảng dữ liệu(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB0815 bảng dữ liệu(HTML) 98 Page - STMicroelectronics |
|
98 / 135 page ![]() Table 78. CR4 signals description Bit Name Description 23 RES reserved 22 RES reserved 21 RES reserved 20 RES reserved 19 RES reserved 18 RES reserved 17 RES reserved 16 RES reserved 15 RES reserved 14 RES reserved 13 RES reserved 12 RES reserved 11 RES reserved 10 RES reserved 9 RES reserved 8 RES reserved 7 RES reserved 6 RES reserved 5 RES reserved 4 RES reserved 3 RES reserved 2 RES reserved 1 RES reserved 0 RES reserved Table 79. Control register CR5 (0x05) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name Access 0 (R) 0 (R/W) 0 (R) 0 (R/W) 0 (R) 0 (R/W) 0 (R) 0 (R/W) Table 80. CR5 signals description Bit Name Description 23 RES Reserved 22 RES Reserved 21 RES Reserved 20 RES Reserved 19 RES Reserved 18 RES Reserved SPSB081 Control registers DS14048 - Rev 1 page 98/135 |