công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPSB0815 bảng dữ liệu(PDF) 85 Page - STMicroelectronics

tên linh kiện SPSB0815
Giải thích chi tiết về linh kiện  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0815 bảng dữ liệu(HTML) 85 Page - STMicroelectronics

Back Button SPSB0815 Datasheet HTML 81Page - STMicroelectronics SPSB0815 Datasheet HTML 82Page - STMicroelectronics SPSB0815 Datasheet HTML 83Page - STMicroelectronics SPSB0815 Datasheet HTML 84Page - STMicroelectronics SPSB0815 Datasheet HTML 85Page - STMicroelectronics SPSB0815 Datasheet HTML 86Page - STMicroelectronics SPSB0815 Datasheet HTML 87Page - STMicroelectronics SPSB0815 Datasheet HTML 88Page - STMicroelectronics SPSB0815 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 135 page
background image
Bit
Name
Description
•
CAN_PERM_REC
•
CAN_PERM_DOM
•
CAN_TXD_DOM
0 = no error (default)
1 = error detected
PLE is cleared by a read & clear command to all related bits in status registers 2.
27
FE
Functional error bit
The FE is a logical OR combination of errors coming from functional blocks.
SR2 (0x32):
•
V2SC
SR3 (0x33):
•
OUTx OC
SR4 (0x34):(3)
•
OUTx OL
0 = no error (default)
1 = error detected
FE is cleared by a read & clear command to all related bits in status registers 2, 3, 4
26
DE
Device error bit
DE is a logical OR combination of global errors related to the device.
SR1 (0x31):
•
TSD1
SR2 (0x32):
•
VS_OV
•
VS_UV
•
VSREG_OV
•
VSREG_UV
•
V1_OV
0 = no error (default)
1 = error detected
DE is cleared by a read & clear command to all related bits in status registers 2
25
GW (2)
Global warning bit
GW is a logical OR combination of warning flags. Warning bits do not lead to any device state change
or switch off of functions.
SR2 (0x32):
•
V1FAIL
•
V2FAIL
•
CAN_RXD_REC
•
TW (3)
•
SPI_INV_CMD
•
SPI SCK CNT
SR6 (0x36):
•
CAN_SUP_LOW
0 = no error (default)
1 = error detected
GW is cleared by a read & clear command to all related bits in status register 2.
24
FS
Failsafe
The FS bit indicates that the device was forced into a safe state due to the following failure conditions:
SR1 (0x31):
•
WDFAIL
SPSB081
Global status byte (GSB)
DS14048 - Rev 1
page 85/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More