| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6421 bảng dữ liệu(PDF) 91 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6421 bảng dữ liệu(HTML) 91 Page - Texas Instruments |
|
91 / 260 page ![]() Table 6-68. TIMER Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] TIMER_IO5 IO Timer Inputs and Outputs (not tied to single timer instance) D17, J19 TIMER_IO6 IO Timer Inputs and Outputs (not tied to single timer instance) B16, D19, T1 TIMER_IO7 IO Timer Inputs and Outputs (not tied to single timer instance) A16, C20, U7 TIMER_IO8 IO Timer Inputs and Outputs (not tied to single timer instance) P19, V7 TIMER_IO9 IO Timer Inputs and Outputs (not tied to single timer instance) R21, W7 TIMER_IO10 IO Timer Inputs and Outputs (not tied to single timer instance) C13, U13 TIMER_IO11 IO Timer Inputs and Outputs (not tied to single timer instance) D14, U1 6.3.23.2 MCU Domain Table 6-69. MCU_TIMER Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] MCU_TIMER_IO0 IO Timer Inputs and Outputs (not tied to single timer instance) D8 MCU_TIMER_IO1 IO Timer Inputs and Outputs (not tied to single timer instance) E8 MCU_TIMER_IO2 IO Timer Inputs and Outputs (not tied to single timer instance) B8 MCU_TIMER_IO3 IO Timer Inputs and Outputs (not tied to single timer instance) B9 6.3.24 UART 6.3.24.1 MAIN Domain Table 6-70. UART0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] UART0_CTSn I UART Clear to Send (active low) B16 UART0_DCDn I UART Data Carrier Detect (active low) C17 UART0_DSRn I UART Data Set Ready (active low) D17 UART0_DTRn O UART Data Terminal Ready (active low) A17 UART0_RIn I UART Ring Indicator B17 UART0_RTSn O UART Request to Send (active low) A16 UART0_RXD I UART Receive Data D15 UART0_TXD O UART Transmit Data C16 Table 6-71. UART1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] UART1_CTSn I UART Clear to Send (active low) D16 UART1_RTSn O UART Request to Send (active low) E16 UART1_RXD I UART Receive Data E15 UART1_TXD O UART Transmit Data E14 www.ti.com AM6442, AM6441, AM6422, AM6421, AM6412, AM6411 SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 91 Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411 |