công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH88F54P/044PR bảng dữ liệu(PDF) 1 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH88F54P/044PR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH88F54P/044PR bảng dữ liệu(HTML) 1 Page - SINOWEALTH Electronic Ltd

  SH88F54P/044PR Datasheet HTML 1Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 105 page
background image
SH88F516(SH88F54/SH89F52)
8051 Microcontroller with 10bit ADC
1
V2.5
1.
Features (All of the flowing contents are from SH88F516; The characteristics of SH88F54/SH89F52 is
slightly different from SH88F516, see “Product Information” section)
8bits micro-controller with Pipe-line structured 8051
compatible instruction set
Flash ROM: 64K Bytes
RAM: internal 256 Bytes, external 1024 Bytes
EEPROM-like: 1K Bytes
Operation Voltage:
VDD = 3.6V - 5.5V,fOSC = 30kHz - 16.6MHz
Oscillator (code option)
- Crystal oscillator: 32.768kHz
- Crystal oscillator: 400kHz - 16.6MHz
- Ceramic oscillator: 400kHz - 16.6MHz
- Internal RC: 16.6MHz
- External clock:30kHz-16.6MHz
40 CMOS bi-directional I/O pins (Quasi-Bi mode,
Push-Pull mode, Input-Only mode and Open-Drain
mode)
Three 16-bit timer/counters T0, T1 & T2
Powerful interrupt sources:
- Timer0, 1, 2
- INT0, INT1, INT4 (8 input)
- EUART0, EUART1, SPI, PWM, SCM, LPD
- ADC, CMP0, CMP1
Three 8-bit PWM
Two built-in comparator (CMP)
EUART0 & EUART1
SPI interface (Master/Slave Mode)
8channels 10-bits Analog Digital Converter (ADC)
Low Voltage Detect (LPD)
Low Voltage Reset (LVR) function (enabled by
code option)
- LVR voltage level 1: 4.3V
- LVR voltage level 2: 3.7V
CPU Machine cycle: 1 oscillator clock
Watch Dog Timer (WDT)
Warm-up Timer
System Clock Monitor (SCM)
Support Low power operation modes:
- Idle Mode
- Power-Down Mode
Low power consumption
Package:
- QFP44
- TQFP48
- LQFP44
2.
General Description
The SH88F516 is a high performance 8051 compatible micro-controller, regard to its build-in Pipe-line instruction fetch
structure, that helps the SH88F516 can perform more fast operation speed and higher calculation performance, if compare
SH88F516 with standard 8051 at same clock speed.
The SH88F516 retains most features of the standard 8051. These features include internal 256 bytes RAM, two 16-bit
timer/counter,UART and INT0-1.In addition, SH88F516 provides external 1024 bytes RAM, It also contains 16-bit timer/counter
(Timer2) and 64K bytes Flash memory block both for program and data. Also ADC, PWM and CMP are incorporated in
SH88F516.
For high reliability and low power consumption, SH88F516 builds in Watchdog Timer, Low Voltage Reset function, LPD
function and SCM function. And SH88F516 also supports two power saving modes to reduce power consumption.


Số phần tương tự - SH88F54P/044PR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SINOWEALTH Electronic L...
SH88F2051 SINOWEALTH-SH88F2051 Datasheet
2Mb / 90P
2051/4051 Microcontrollers with 10-bit ADC
V1.0
SH88F2051B SINOWEALTH-SH88F2051B Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH88F2051BD/020DU SINOWEALTH-SH88F2051BD/020DU Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH88F2051BL/016LU SINOWEALTH-SH88F2051BL/016LU Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH88F2051BM/020MU SINOWEALTH-SH88F2051BM/020MU Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
More results

Mô tả tương tự - SH88F54P/044PR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SINOWEALTH Electronic L...
SH77P1651A SINOWEALTH-SH77P1651A Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F083B SINOWEALTH-SH79F083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F1612B SINOWEALTH-SH79F1612B Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F1619 SINOWEALTH-SH79F1619 Datasheet
1Mb / 99P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F1621 SINOWEALTH-SH79F1621 Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F166A SINOWEALTH-SH79F166A Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79M083B SINOWEALTH-SH79M083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79M1612B SINOWEALTH-SH79M1612B Datasheet
1Mb / 96P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com