công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH88F54P/044PR bảng dữ liệu(PDF) 21 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH88F54P/044PR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH88F54P/044PR bảng dữ liệu(HTML) 21 Page - SINOWEALTH Electronic Ltd

Back Button SH88F54P/044PR Datasheet HTML 17Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 18Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH88F54P/044PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
SH88F516(SH88F54/SH89F52)
21
8.3 Flash Program Memory
8.3.1 Feature
 The program memory consists 64 X 1KB sectors, total 64KB
 Programming and erase can be done over the full operation voltage range
 Write, read and erase operation are all supported by In-Circuit Programming (ICP)
 Fast mass/sector erase and programming
 Minimum program/erase cycles: 100,000
 Minimum years data retention: 10
 Low power consumption
EEPROM Like Data Block
Program Memory Block
0000H
0000H
Information Block
03FFH
BootRom Block
FC00H
FFFFH
Program Memory Block
BootRom Block
The SH88F516 embeds 64K flash program memory for program code. The flash program memory supports In-Circuit Progra-
mming (ICP) mode and Self-Sector Programming (SSP) mode, or operating Flash memory block In-System Programming.
Every sector is 1024 bytes.
The SH88F516 also embeds 1024 bytes EEPROM-like memory block for storing user data. Every sector is 256 bytes.It has 4
sectors.
The SH88F516 also embeds 1K bytes BootRom Block for In-System Programming function.
Flash operation definition:
In-Circuit Programming (ICP): Through the Flash programmer to wipe the Flash memory, read and write operations.
Self-Sector Programming (SSP): User Program code run in Program Memory to wipe the Flash memory, read and write
operations.
In-System Programming(ISP): Program code run in BootRom to wipe the Flash memory, read and write operations.At present,
the program in BootRom has been cured in it before leaving factory.Users can download user program to chips by UART port
with corresponding PC software.
If the customer choose to use ISP function (Code Option OP_ISPEN will be set as 1, refer to “Code Option” for details), then the
last sector address (0xFC00 - 0xFFFF) will be mapped as BootRom address, it can not be used as program memory block; If
the customer choose to close ISP function (Code Option OP_ISPEN will be cleared, refer to “Code Option” for details), then the
last sector (0xFC00 - 0xFFFF) can be used as program memory block.
Flash Memory Supports the Following Operations:
(1) Code Protection Control Mode
SH88F516 code protection function provides a high-performance security measures for the user. Each partition has two
modes are available.
Code protection mode 0: allow/forbid any programmer write/read operations (not including overall erasure).
Code protection mode 1: allow/forbid through MOVC instructions to read operation in other sectors, or through SSP mode to
erased/write operation.
The user must use one of the following two ways to complete code protection control mode Settings:
1. Flash programmer in ICP mode is set to corresponding protection bit to enter the protected mode.
2. The SSP mode does not support code protection control mode programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com