công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RZ/N2L bảng dữ liệu(PDF) 23 Page - Renesas Technology Corp

tên linh kiện RZ/N2L
Giải thích chi tiết về linh kiện  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L bảng dữ liệu(HTML) 23 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 19Page - Renesas Technology Corp RZ/N2L Datasheet HTML 20Page - Renesas Technology Corp RZ/N2L Datasheet HTML 21Page - Renesas Technology Corp RZ/N2L Datasheet HTML 22Page - Renesas Technology Corp RZ/N2L Datasheet HTML 23Page - Renesas Technology Corp RZ/N2L Datasheet HTML 24Page - Renesas Technology Corp RZ/N2L Datasheet HTML 25Page - Renesas Technology Corp RZ/N2L Datasheet HTML 26Page - Renesas Technology Corp RZ/N2L Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 127 page
background image
Table 1.19
List of pins and pin functions (225-pin FBGA) (3 of 8)
Pin
number
I/O power
domain
Power supply
clock system
control
I/O
port
Bus, DMAC
Timer (MTU3,
POEG, GPT / POE3,
CMTW, RTC)
Communication (xSPI,
GMAC, ETHSW, ESC, SCI,
SPI, IIC, CANFD, USB)
Others
(DSMIF,
Mailbox) Interrupt ADC12
Host
interface
(SHOSTI
F,
PHOSTIF
)
D2
—
TRACEDATA0
P01_6
A20
MTIOC1A / GTIOC9A
GMAC_PTPTRG1 /
ESC_LATCH1 /
ESC_LATCH0 / CTS1# /
CANTXDP1
—
—
—
HA20
D3
VCC1833_2
—
P01_1
CKE
MTIOC3D / GTIOC1B GMAC_MDC / ETHSW_MDC /
ESC_MDC / DE2
MDAT1
—
—
—
D4
VCC1833_2
—
P00_7
RAS#
MTIOC4A / GTIOC2A
—
—
IRQ13
—
—
D5
VCC1833_2
—
P00_1
A13
MTIC5U
ETH2_RXDV / RXD2 / SCL2 /
MISO2
—
IRQ0
—
—
D6
VCC1833_2
—
P23_7
D11 / BS#
MTIOC0A /
GTETRGA
ETH2_RXD0 / SCK1
MCLK4
—
—
HD11
D7
—
TRACEDATA5
P21_6
D5 / TEND
MTIOC7B /
GTIOC16B
CTS0#
MDAT2
IRQ9
—
HD5
D8
—
MDV1
P20_2
—
—
ETHSW_TDMAOUT1 /
ETHSW_PTPOUT2 /
ESC_LEDRUN /
ESC_LEDSTER / DE3
—
—
—
—
D9
—
MDV2
P20_3
—
—
ETHSW_TDMAOUT2 /
ETHSW_PTPOUT1 /
ESC_LEDERR
—
—
—
—
D10
—
VSS
—
—
—
—
—
—
—
—
D11
—
VSS
—
—
—
—
—
—
—
—
D12
—
VSS
—
—
—
—
—
—
—
—
D13
VCC1833_4
TRACECTL
P18_5
RAS#
MTIC5V
XSPI1_IO6 / ETH2_COL /
RXD4 / SCL4 / MISO4 /
SPI_MOSI2 / CANRX0
—
—
—
—
D14
VCC1833_4
—
P18_2
BS#
MTIOC4B /
MTIOC4D /
GTIOC2B / GTIOC3B
XSPI1_CS0# / ETH1_COL /
SCK0 / IIC_SDA2
—
—
—
—
D15
VCC1833_4
—
P18_1
WE1# /
DQMLU
MTIOC3D / GTIOC1B SS3# / CTS3# / RTS3#
—
IRQ10
ADTRG1# HSPI_IO7
/ HWR1#
E1
—
—
P02_3
A15 / AH#
MTIOC2B /
GTIOC10B / POE11#
ETHSW_TDMAOUT1 / SS1# /
CTS1# / RTS1# / SPI_SSL30 /
CANRX1
—
IRQ15
—
HA15
E2
—
TRST#
—
—
—
—
—
—
—
—
E3
—
TRACEDATA2
P02_0
A18
GTADSML0
ETHSW_LPI2 / RXD1 / SCL1 /
MISO1 / SPI_MISO3 /
CANTX1 / USB_OTGID
—
IRQ4
—
HA18
E4
VCC1833_2
—
P01_4
WE1# /
DQMLU
POE0#
ETH2_TXD1
—
IRQ3
—
—
E5
VCC1833_2
VCC1833_2
—
—
—
—
—
—
—
—
E6
—
VCC33
—
—
—
—
—
—
—
—
E7
—
TRACEDATA3
P21_4
D3
MTIOC6D /
GTIOC15B
ETHSW_PTPOUT1 /
ESC_SYNC0 / ESC_SYNC1 /
SS5# / CTS5# / RTS5# /
SPI_SSL02
MDAT1 /
MBX_HI
NT#
—
—
HD3
E8
—
VCC33
—
—
—
—
—
—
—
—
E9
—
VCC18_ADC1
—
—
—
—
—
—
—
—
E10
—
VSS
—
—
—
—
—
—
—
—
E11
—
VCC18_ADC0
—
—
—
—
—
—
—
—
E12
VCC1833_4
—
P18_4
CAS#
MTIC5U
XSPI1_IO5 / ETH1_CRS /
TXD4 / SDA4 / MOSI4 /
SPI_RSPCK2 / CANTX0
—
IRQ1
—
—
E13
VCC1833_4
—
P18_3
CKE
MTIOC4D /
MTIOC4B /
GTIOC3B /
GTIOC2B /
CMTW1_TIC1
XSPI1_IO4 / ETH2_CRS /
CANRXDP1
—
IRQ0
—
—
E14
VCC1833_4
—
P18_0
WE0# / DQMLL MTIOC4C /
MTIOC4A /
GTIOC3A / GTIOC2A
TXD3 / SDA3 / MOSI3
—
—
—
HSPI_IO6
/ HWR0#
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0120 Rev.1.20
Sep 30, 2022
Page 23 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More