công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RZ/N2L bảng dữ liệu(PDF) 15 Page - Renesas Technology Corp

tên linh kiện RZ/N2L
Giải thích chi tiết về linh kiện  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L bảng dữ liệu(HTML) 15 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 11Page - Renesas Technology Corp RZ/N2L Datasheet HTML 12Page - Renesas Technology Corp RZ/N2L Datasheet HTML 13Page - Renesas Technology Corp RZ/N2L Datasheet HTML 14Page - Renesas Technology Corp RZ/N2L Datasheet HTML 15Page - Renesas Technology Corp RZ/N2L Datasheet HTML 16Page - Renesas Technology Corp RZ/N2L Datasheet HTML 17Page - Renesas Technology Corp RZ/N2L Datasheet HTML 18Page - Renesas Technology Corp RZ/N2L Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 127 page
background image
Table 1.18
Pin functions (2 of 7)
Classification
Pin name
I/O
Description
Debugging interface
TRST#
Input
Test reset pin for the on-chip emulator
TMS
I/O
Test mode select pin for the on-chip emulator
Functions as the SWDIO pin in serial wire debug
(SWD) mode
TDI
Input
Test data input pin for the on-chip emulator
TDO
Output
Test data output pin for the on-chip emulator
TCK
Input
Test clock pin for the on-chip emulator
Functions as the SWCLK pin in serial wire debug
(SWD) mode
TRACECLK
Output
Outputs the clock for synchronization with trace data
TRACECTL
Output
Outputs the enable signal for trace control
TRACEDATA0 to TRACEDATA7
Output
Output trace data
Bus state controller (BSC)
A25 to A0
Output
Output the address
D15 to D0
I/O
Input and output the data
CS0#, CS2#, CS3#, CS5#
Output
Output the chip select signal for the external memory
or device.
RD#
Output
Outputs the strobe signal which indicates a read is in
progress.
RD/WR#
Output
Outputs the strobe signal which indicates a read or
write access
BS#
Output
Outputs the status signal which indicates the start of
the bus cycle
AH#
Output
Outputs the address hold signal for the device that
uses the multiplexed I/O interface
WAIT#
Input
Inputs the external wait control signal which inserts a
wait cycle into the bus cycle
WE0#
Output
Outputs the write strobe signal to D7 to D0
WE1#
Output
Outputs the write strobe signal to D15 to D8
DQMLL
Output
Outputs the data mask enable signal to D7 to D0 when
SDRAM is connected
DQMLU
Output
Outputs the data mask enable signal to D15 to D8
when SDRAM is connected
RAS#
Output
Outputs the row-address strobe signal to the SDRAM.
This pin should be connected to the RAS# pin on the
SDRAM.
CAS#
Output
Outputs the column-address strobe signal to the
SDRAM. This pin should be connected to the CAS# pin
on the SDRAM.
CKE
Output
Outputs the clock enable signal to the SDRAM. This
pin should be connected to the CKE pin on the
SDRAM.
Direct memory access
controller (DMAC)
DREQ
Input
Inputs the DMA transfer request signal from the
external device
DACK
Output
Outputs the acknowledge signal which indicates
acceptance of the DMA transfer request from the
external device
TEND
Output
Outputs the DMA transfer end signal
Interrupt
NMI
Input
Inputs the non-maskable interrupt request signal
IRQ0 to IRQ15
Input
Input the external interrupt request signal
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0120 Rev.1.20
Sep 30, 2022
Page 15 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com