công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RZ/N2L bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp

tên linh kiện RZ/N2L
Giải thích chi tiết về linh kiện  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 28Page - Renesas Technology Corp RZ/N2L Datasheet HTML 29Page - Renesas Technology Corp RZ/N2L Datasheet HTML 30Page - Renesas Technology Corp RZ/N2L Datasheet HTML 31Page - Renesas Technology Corp RZ/N2L Datasheet HTML 32Page - Renesas Technology Corp RZ/N2L Datasheet HTML 33Page - Renesas Technology Corp RZ/N2L Datasheet HTML 34Page - Renesas Technology Corp RZ/N2L Datasheet HTML 35Page - Renesas Technology Corp RZ/N2L Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 127 page
background image
Table 1.20
List of pins and pin functions (121-pin FBGA) (4 of 4)
Pin
number
I/O power
domain
Power supply clock
system control
I/O port
DMAC
Timer (MTU3, POEG,
GPT / POE3, CMTW,
RTC)
Communication (xSPI, GMAC,
ETHSW, ESC, SCI, SPI, IIC,
CANFD)
Others
(DSMIF,
Mailbox)
Interrupt
Host
interface
(SHOSTI
F)
J9
VCC1833_3
—
P14_2
—
MTIOC8B / GTIOC8B
XSPI0_ECS0 # / ETH2_CRS
—
IRQ6
HSPI_CK
J10
VCC1833_3
—
P14_3
—
MTIOC0A
XSPI0_RSTO1# / ETH2_COL
—
—
HSPI_IO1
J11
VCC1833_3
—
P14_6
—
—
XSPI0_CKP
—
—
—
K1
VCC1833_1
—
P06_5
—
GTIOC11B
ETH1_TXEN
—
—
—
K2
VCC1833_1
—
P06_7
—
GTIOC12B
ETH1_RXD1 / SPI_SSL11
—
—
—
K3
VCC1833_1
—
P07_3
—
—
ETH1_RXCLK
—
—
—
K4
VCC1833_0
—
P08_7
—
MTIOC6D
GMAC_MDC / ETHSW_MDC /
ESC_MDC
—
—
—
K5
—
MDX
—
—
—
—
—
—
—
K6
VCC1833_0
VCC1833_0
—
—
—
—
—
—
—
K7
—
EXTCLKIN
—
—
—
—
—
—
—
K8
—
VCC18_PLL1
—
—
—
—
—
—
—
K9
—
—
P13_3
—
MTIOC0C / MTIOC0B /
GTIOC10B /
CMTW1_TOC0
ETHSW_PTPOUT3 /
ESC_I2CDATA / CTS1# /
IIC_SDA0
MDAT4
—
—
K10
VCC1833_3
—
P13_5
—
MTCLKA
XSPI0_WP1# /
GMAC_PTPTRG0 /
ESC_LATCH0 / ESC_LATCH1 /
SPI_RSPCK1 / IIC_SCL2
—
—
—
K11
VCC1833_3
—
P14_1
—
MTIOC8A / GTIOC8A
XSPI0_INT1# / ETH1_COL /
GMAC_PTPTRG1 /
ESC_LATCH0 / ESC_LATCH1
—
—
HSPI_IO0
L1
—
VSS
—
—
—
—
—
—
—
L2
VCC1833_1
—
P07_0
—
GTIOC13A
ETH1_RXD2
—
—
—
L3
VCC1833_1
—
P07_2
—
—
ETH1_RXDV
—
—
—
L4
VCC1833_0
—
P09_0
—
MTIOC7A
GMAC_MDIO / ETHSW_MDIO /
ESC_MDIO
—
—
—
L5
—
VSS
—
—
—
—
—
—
—
L6
—
EXTAL
—
—
—
—
—
—
—
L7
—
XTAL
—
—
—
—
—
—
—
L8
—
VSS
—
—
—
—
—
—
—
L9
—
—
P13_2
—
MTIOC0A /
GTIOC10A / POE8#
ETHSW_PTPOUT2 /
ESC_I2CCLK / SS1# / CTS1# /
RTS1# / IIC_SCL0
MCLK4
IRQ5
—
L10
—
—
P13_4
—
MTIOC0D / GTIOC8B
ESC_RESETOUT#
—
—
—
L11
—
VSS
—
—
—
—
—
—
—
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0120 Rev.1.20
Sep 30, 2022
Page 32 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More