công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WLG2-LDAS bảng dữ liệu(PDF) 48 Page - Omron Electronics LLC

tên linh kiện WLG2-LDAS
Giải thích chi tiết về linh kiện  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLG2-LDAS bảng dữ liệu(HTML) 48 Page - Omron Electronics LLC

Back Button WLG2-LDAS Datasheet HTML 44Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 45Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 46Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 47Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 48Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 49Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 50Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 51Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 52Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
WL-N/WLM-N
48
Operation of Fork Lever Locks
A Switch with a Fork Lever Lock is constructed so that the dog pushes the lever to invert the output and this inverted state is maintained even after
the dog moves on.
If the dog then pushes the lever from the opposite direction, the lever will return to its original position.
Adjusting the Length of the Rod or
Lever
The length of the rod or lever can be
adjusted by loosening the Allen-head
bolt.
Adjustable Roller Levers:
(WLCA12-N, WLCA12-2-N,
WLCA12-2N-N, WLG12-N)
Adjustable rod lever:
(WLCL-N, WLCL-2-N,
WLCL-2N-N, WLGL-N, WLCAL4-N)
Selecting the Roller Position
There are four types of Switches with
Fork Lever Locks for use depending on
the roller position.
Fork lever lock:
(WLCA32-4
@-N)
An explanation of the operation of fork lever locks is provided after this
table.
Item
Applicable models and Actuators
Details
Loosen this
Allen-head bolt
and adjust the
length of the rod.
Adjustment
range radius:
25 to 89 mm
Adjustable Roller Levers:
Adjustable Rod Levers:
Loosen this
Allen-head bolt
and adjust the
length of the
lever.
Adjustment
range radius:
24 to 140 mm
WLCA32-41-N
WLCA32-43-N
WLCA32-42-N
WLCA32-44-N
NC terminal: ON
NO terminal: ON
NO terminal: ON
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com