công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WLG2-LDAS bảng dữ liệu(PDF) 15 Page - Omron Electronics LLC

tên linh kiện WLG2-LDAS
Giải thích chi tiết về linh kiện  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLG2-LDAS bảng dữ liệu(HTML) 15 Page - Omron Electronics LLC

Back Button WLG2-LDAS Datasheet HTML 11Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 12Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 13Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 14Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 15Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 16Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 17Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 18Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
WL-N/WLM-N
15
Switches with Direct-wired Connectors
Switches with Pre-wired Connectors
Note: The standard cable length for a pre-wired connector is 0.3 m. Contact your OMRON representative for information on other cable lengths.
General-purpose Switches
Actuator
Roller lever: R38
Item
Basic
High-sensitivity
High-precision
Connector shape
Built-in switch type
Voltage
Wiring
locations
Connector
pin No.
Model
Model
Model
Threaded (M12)
General-purpose
AC
NO only
NO
WLCA2-LDK13A-N
-----
-----
NC + NO
NC
NO
WLCA2-LDK43A-N
-----
-----
DC
NO only
NO
WLCA2-LDK13-N
WLG2-LDK13-N
WLGCA2-LDK13-N
NC + NO
NC
NO
WLCA2-LDK43-N
WLG2-LDK43-N
WLGCA2-LDK43-N
Airtight
AC
NO only
NO
WLCA2-55LDK13-N
WLG2-55LDK13-N
WLGCA2-55LDK13-N
NC + NO
NC
NO
WLCA2-55LDK43-N
WLG2-55LDK43-N
WLGCA2-55LDK43-N
Actuator
Roller lever R38
Item
Basic
High-sensitivity
High-precision
Connector shape
Built-in switch type
Voltage
Wiring
locations
Connector
pin No.
Model
Model
Model
Threaded (M12)
General-purpose
DC
NO only
NO
WLCA2-LD-M1J-N
WLG2-LD-M1J-N
WLGCA2-LD-M1J-N
NO
WLCA2-LD-M1GJ-N
WLG2-LD-M1GJ-N
WLGCA2-LD-M1GJ-N
NC only
NC
WLCA2-LD-M1JB-N
WLG2-LD-M1JB-N
-----
NC + NO
NC
NO
WLCA2-LD-DGJ-N
WLG2-LD-DGJ-N
WLGCA2-LD-DGJ-N
NO only
NO
NC
WLCA2-LD-DK1EJ-N
WLG2-LD-DK1EJ-N
-----
Airtight
NO only
NO
WLCA2-55LD-M1J-N
-----
WLGCA2-55LD-M1J-N
NO
WLCA2-55LD-M1GJ-N
WLG2-55LD-M1GJ-N
WLGCA2-55LD-M1GJ-N
NC only
NC
WLCA2-55LD-M1JB-N
WLG2-55LD-M1JB-N
WLGCA2-55LD-M1JB-N
NC + NO
NC
NO
WLCA2-55LD-DGJ-N
WLG2-55LD-DGJ-N
WLGCA2-55LD-DGJ-N
NO only
NO
NC
WLCA2-55LD-DK1EJ-N
WLG2-55LD-DK1EJ-N
-----
Smartclick
General-purpose
NO only
NO
-----
WLG2-LD-M1TJ-N
-----
NO only
NC
-----
WLG2-LD-M1TJB-N
-----
Sensor I/O Connector Switches
3 4
1 2
3 4
3 4
1 2
3 4
3 4
1 2
3 4
3 4
1 4
2 3
1 2
3 4
4 3
2
3 4
1 4
2 3
1 2
3 4
4 3
2
3 4
2 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com