| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WLG2-LDAS bảng dữ liệu(PDF) 30 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
WLG2-LDAS bảng dữ liệu(HTML) 30 Page - Omron Electronics LLC |
|
30 / 52 page ![]() WL-N/WLM-N 30 Spatter-prevention Switches: WLCA2-LES-N Screws Externally visible screws on the head and cover are made of stainless steel to prevent spatter adherence. Using stainless steel prevents spatter from adhering. Roller Lever Bolt Stainless steel construction to prevent spatter adherence. Double nut models are also available. Head Cap Using fluororesin prevents spatter from adhering. * Spatter means the zinc powder produced when welding. Adhering spatter to the Limit Switch may cause malfunction of lever or lamp cover. The lack of gap prevents spatter powder from clogging. Roller, Roller Axis A baking finish is applied to the surface so that any adhering spatter is easily removed. Operating Lever Actuator |