công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LEOLVDSRD bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện LEOLVDSRD
Giải thích chi tiết về linh kiện  Rad-hard plastic LVDS driver-receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOLVDSRD bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  LEOLVDSRD Datasheet HTML 1Page - STMicroelectronics LEOLVDSRD Datasheet HTML 2Page - STMicroelectronics LEOLVDSRD Datasheet HTML 3Page - STMicroelectronics LEOLVDSRD Datasheet HTML 4Page - STMicroelectronics LEOLVDSRD Datasheet HTML 5Page - STMicroelectronics LEOLVDSRD Datasheet HTML 6Page - STMicroelectronics LEOLVDSRD Datasheet HTML 7Page - STMicroelectronics LEOLVDSRD Datasheet HTML 8Page - STMicroelectronics LEOLVDSRD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
1
Functional description
Figure 1. Pin connections (top view)
8
11
14
13
12
17
1
2
3
4
5
6
7
VC C
G ND
G ND
NC
R IN-
R IN+
DOUT +
16
15
NC
9
18
DOUT-
10
DE N
19
20
N15
G ND
G ND
VC C
VC C
DIN
R OUT
NC
R E N
G ND
Table 1. Pin descriptions
Pin #
Name
Description on the pin
1, 2
RIN+, RIN-
LVDS input of the receiver.
8, 9
DOU+, DOUT- LVDS output of the driver.
4, 12, 17
VCC
Power supply pins.
5, 6, 11, 16, 18
GND
Ground pins, must be all connected together to the ground of the PCB. Any ground pin
cannot be left floating.
3, 7, 14
NC
Not internally connected. These pins can be externally connected to any potential.
10, 20
DEN, REN
LVCMOS input, enable/disable input of the driver and the receiver.
13, 19
DIN, ROUT
LVCMOS input of the driver, LVCMOS output of the receiver.
15
N15
Must be connected to ground.
LEOLVDSRD
Functional description
DS13673 - Rev 4
page 2/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23