công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SY4-506-8 bảng dữ liệu(PDF) 21 Page - Siemens Semiconductor Group

tên linh kiện 5SY4-506-8
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-506-8 bảng dữ liệu(HTML) 21 Page - Siemens Semiconductor Group

Back Button 5SY4-506-8 Datasheet HTML 17Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 18Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 19Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 20Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 21Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 22Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 23Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 24Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 25Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Description
2/21
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
s Protecting luminaire circuits
Maximum permissible lamp
load for miniature circuit-break-
er when feeding fluorescent
lamps L18 W, L 36 W, L 38 W, L
58 W.
Max. number of fluorescent lamps
In [A]
Lamp
Conventional
controlgear
Electronic controlgear
single lamp
full circuit
group circuit
uncomp.
parallel
single lamp
two lamps
single lamp two lamps
comp.
5SX2, 5SX4, 5SX5
Characteristic
all
all
B
C
D
B
C
D
all
all
10
L 18 W
27
33
25
51
100
34
70
116
100
116
L 36 W
23
33
25
51
58
34
60
60
58
60
L 38 W
23
33
25
51
55
34
58
58
55
58
L 58 W
14
21
17
35
38
16
32
38
38
38
13
L 18 W
35
43
33
66
130
44
90
152
130
152
L 36 W
30
43
33
66
76
44
78
78
76
78
L 38 W
30
43
33
66
72
44
76
76
72
76
L 58 W
19
27
22
45
50
20
42
50
50
50
16
L 18 W
43
53
41
82
160
56
112
188
160
188
L 36 W
37
53
41
82
94
56
96
96
94
96
L 38 W
37
53
41
82
88
56
94
94
88
94
L 58 W
23
34
28
56
61
26
52
62
61
62
20
L 18 W
54
66
51
102
200
70
140
234
200
234
L 36 W
46
66
51
102
117
70
120
120
117
120
L 38 W
46
66
51
102
111
70
116
116
111
116
L 58 W
29
42
35
70
76
32
66
78
76
78
25
L 18 W
67
83
64
128
250
86
174
294
250
294
L 36 W
58
83
64
128
147
86
150
150
147
150
L 38 W
58
83
64
128
138
86
146
146
138
146
L 58 W
37
53
43
87
96
40
82
98
96
98
32
L 18 W
86
106
82
164
320
112
224
376
320
376
L 36 W
74
106
82
164
188
112
192
192
188
192
L 38 W
74
106
82
164
177
112
188
188
177
188
L 58 W
47
68
56
112
123
52
106
124
123
124
Comment:
MCB version:
The specified lamp load values are valid for single-pole MCBs. When using multi-pole
MCBs, the permissible number of lamps is reduced by 20 %.
Circuit impedance:
The specified lamp load values are valid, taking into account a cable impedance of
800 m
Ω.
For 400 m
Ω the permissible values are reduced by 10 %, for 200 mΩ by 20 %.
DC operation:
The values in the table are also valid for DC operation for 5SX5 MCBs in conjunction with
electronic controlgear.
Maximum number of 12 V low-voltage halogen lamps
In [A]
Lamp 20 W
Lamp 50 W
transf. 5NZ5 071
5NZ5 081
5NZ5 072
5NZ5 081
5SX4
Characteristic B
6
14
42
12
21
10
23
70
20
35
16
38
112
32
57
20
47
141
40
71
25
59
176
50
89
32
76
225
65
114
40
95
282
81
142
50
102
302
87
153
Characteristic C
6
28
54
23
25
10
47
90
38
41
16
76
145
61
66
20
95
181
76
83
25
119
227
96
104
32
153
290
123
133
40
191
363
153
166
50
239
454
192
208
i21_01.fm Seite 21 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com