công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SY4-506-8 bảng dữ liệu(PDF) 3 Page - Siemens Semiconductor Group

tên linh kiện 5SY4-506-8
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-506-8 bảng dữ liệu(HTML) 3 Page - Siemens Semiconductor Group

  5SY4-506-8 Datasheet HTML 1Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 2Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 3Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 4Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 5Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 6Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 7Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 8Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Summary of technical data
2/3
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
5SX2
5SX4
5SX5
5SY4
5SY7
5SP4
Tripping characteristics
A, B, C, D
B, C
B, C
A, B, C, D
B, C, D
B, C, D
No. of poles
1
•
•
•
•
•
•
2
•
•
•
•
•
•
3
•
•
•
•
•
4
•
•
•
•
1 + N
•
•
•
•
3 + N
•
•
•
•
Rated voltage
V AC
230/400
V DC
-
220/440
-
Operating voltage
min. AC/DC
V
24
max. DC
V/Pol
60 1)
220
60 1)
max. AC
V
440
Rated breaking capacity
acc. to DIN VDE 0641, EN 60 898
AC
kA
6
10
4.5
10
15
10
DC
kA
-
-
10
-
Insulation coordination
Rated insulation voltage
AC
V
250/440
Degree of pollution for
overvoltage category III
2
3
Degree of protection
• 5SX., 5SP.
IP 00 according to DIN 40 050, IP 40 when mounted in distribution boards
• 5SY.
IP 20 according to DIN 40 050, IP 40 when mounted in distribution boards
Flammability
Category IIb according to DIN VDE 0304 Part 3
Mounting
To be snapped onto a 35 mm standard mounting rail (DIN EN 50 022); with
• 5SY4, 5SY7: rapid mounting system, no tools required
• 5SP4: also screw mounting
Terminals
5SX2, 5SX4, 5SX5 combined terminals below for simultaneous connection to bus-
bars (fork-type) and feeder cables
5SY4, 5SY7 combined terminals on both ends for simultaneous connection to bus-
bars (pin-type) and feeder cables
5SP4 tunnel terminals on both ends
Conductor cross sections
Solid and stranded, max.
• Upper terminal
mm2
16
35
50
• Lower terminal
mm2
25
35
50
Finely stranded with end sleeves, max.
• Upper terminal
mm2
10
25
35
• Lower terminal
mm2
16
25
35
Terminal tightening torque
recommended
Nm
2.5 - 3
3 - 4
Supply connection
As required, observe the polarity for DC applications
Mounting position
As required
Service life
On the average 20,000 operations at rated load
Ambient temperature
°C
-25 to +45, occasionally +55, max. 95 % humidity, storage temperature: -40 to +75
Resistance to climate
According to IEC 60 068-2-30, 6 cycles
Resistance to vibration
m/s2
60 at 10 Hz up to 150 Hz according to IEC 60 068-2-6
Further technical data on request or see next page.
1) r Battery charging voltage 72 V.
i21_01.fm Seite 3 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com