công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SY4-506-8 bảng dữ liệu(PDF) 1 Page - Siemens Semiconductor Group

tên linh kiện 5SY4-506-8
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-506-8 bảng dữ liệu(HTML) 1 Page - Siemens Semiconductor Group

  5SY4-506-8 Datasheet HTML 1Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 2Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 3Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 4Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 5Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 6Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 7Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 8Page - Siemens Semiconductor Group 5SY4-506-8 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Siemens I 2.1 · 2001
2/1
2
General Data
Product range................................2/2
Summary of technical data..............2/3
Description ....................................2/4
Power Supply
Company Product
Range
5SP3 Selective main miniature
circuit-
breakers (SHU), 25 kA ..................2/27
Accessories ...................................2/27
N-Type Standard
Product Range
5SQ3 Miniature circuit-breakers
6 kA, AC model .............................2/29
5SX2 Miniature circuit-breakers
6 kA, AC model .............................2/30
5SX4 Miniature circuit-breakers
10 kA, AC model ...........................2/35
N-Type AC/DC
Product Range
5SX5 Miniature circuit-breakers
10 kA, 4.5 kA .................................2/38
N-Type Standard and
AC/DC Product Range
Additional components for
5SX2, 5SX4, 5SX5
miniature circuit-breakers..............2/39
Accessories for
5SX2, 5SX4, 5SX5
miniature circuit-breakers..............2/40
Industry Guard
Product Range
5SY4 Miniature circuit-breakers
10 kA, AC model ...........................2/43
5SY7 Miniature circuit-breakers
15 kA, AC model ...........................2/50
Accessories for
5SY4, 5SY7
Miniature circuit-breakers..............2/55
High-Current
Product Range
5SP4 Miniature circuit-breakers
10 kA, AC model ...........................2/56
Industry Guard/
High-Current
Product Range
Additional components for
5SY4, 5SY7, 5SP4
miniature circuit-breakers..............2/59
Accessories for
5SY4/5SY7/5SP4
miniature circuit-breakers..............2/62
Power Supply
Company, Standard,
AC/DC, Industry
Guard/High-Current
Product Range
Accessories ...................................2/63
Screw-In Design
According to DIN 49 500, 6 kA .....2/63
Planning Aid
Dimensions ....................................2/63
Miniature Circuit-
Breakers (MCBs)
i21_02lrl.fm Seite 1 Mittwoch, 20. Juni 2001 10:07 10


Số phần tương tự - 5SY4-506-8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
5SY4 SIEMENS-5SY4 Datasheet
1Mb / 5P
Features of 5SY supplementary protectors
5SY4101-5 SIEMENS-5SY4101-5 Datasheet
1Mb / 5P
Features of 5SY supplementary protectors
5SY4101-7 SIEMENS-5SY4101-7 Datasheet
1Mb / 5P
Features of 5SY supplementary protectors
5SY4101-8 SIEMENS-5SY4101-8 Datasheet
1Mb / 5P
Features of 5SY supplementary protectors
5SY4102-5 SIEMENS-5SY4102-5 Datasheet
1Mb / 5P
Features of 5SY supplementary protectors
More results

Mô tả tương tự - 5SY4-506-8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
Miniature Molded Case Circuit Breakers
logo
Cooper Bussmann, Inc.
UCB-20 COOPER-UCB-20 Datasheet
269Kb / 5P
Automotive Circuit Breakers
logo
List of Unclassifed Man...
V4-T1-6 ETC2-V4-T1-6 Datasheet
2Mb / 98P
Miniature Circuit Breakers and Supplementary Protectors
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
Thermal magnetic UL 489 miniature circuit breakers
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
Circuit Breakers
R59 NTE-R59 Datasheet
494Kb / 1P
Circuit Breakers
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
Thermomagnetic circuit breakers
2010-08-18
3644 PHOENIX-3644 Datasheet
790Kb / 13P
Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
Circuit Breakers, Molded Case Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com