công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SY4-416-5 bảng dữ liệu(PDF) 22 Page - Siemens Semiconductor Group

tên linh kiện 5SY4-416-5
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-416-5 bảng dữ liệu(HTML) 22 Page - Siemens Semiconductor Group

Back Button 5SY4-416-5 Datasheet HTML 18Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 19Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 20Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 21Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 22Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 23Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 24Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 25Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 26Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
Description
2/22
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
s Protecting luminaire circuits
Max. number of fluorescent lamps
In [A]
Lamp
Electronic controlgear
full circuit 230 V
group circuit 230 V
single lamp1)
two lamps
single lamp2)
two lamps
5SY4, 5SY7
Characteristic
B
C
D
B
C
D
B
C
D
B
C
D
6L 18 W
17
37
66
17
35
35
66
66
66
35
35
35
L 36 W
17
37
37
17
19
19
37
37
37
19
19
19
L 58 W
17
19
19
12
12
12
19
19
19
12
12
12
8L 18 W
-
50
88
-
47
47
-
88
88
-
-
47
L 36 W
-
50
50
-
25
25
-
50
50
-
25
25
L 58 W
-
25
25
-
16
16
-
25
25
-
16
16
10
L 18 W
36
67
111
36
58
58
111
111
111
58
58
58
L 36 W
36
62
62
32
32
32
62
62
62
32
32
32
L 58 W
32
32
32
20
20
20
32
32
32
20
20
20
13
L 18 W
44
81
144
44
76
76
144
144
144
76
76
76
L 36 W
44
81
81
41
41
41
81
81
81
41
41
41
L 58 W
41
41
41
26
26
26
41
41
41
26
26
26
16
L 18 W
56
100
177
56
94
94
177
177
177
94
94
94
L 36 W
56
100
100
51
51
51
100
100
100
51
51
51
L 58 W
51
51
51
32
32
32
51
51
51
32
32
32
20
L 18 W
70
117
222
70
117
117
222
222
222
117
117
117
L 36 W
70
117
125
64
64
64
125
125
125
64
64
64
L 58 W
64
64
64
40
40
40
64
64
64
40
40
40
25
L 18 W
85
157
277
85
147
147
277
277
277
147
147
147
L 36 W
85
156
156
80
80
80
156
156
156
80
80
80
L 58 W
80
80
80
51
51
51
80
80
80
51
51
51
32
L 18 W
100
144
355
100
144
188
355
355
355
188
188
188
L 36 W
100
144
200
100
103
103
200
200
200
103
103
103
L 58 W
100
103
103
65
65
65
103
103
103
65
65
65
40
L 18 W
126
216
444
126
216
235
444
444
444
235
235
235
L 36 W
126
216
250
126
129
129
250
250
250
129
129
129
L 58 W
126
129
129
81
81
81
129
129
129
81
81
81
50
L 18 W
180
247
555
180
247
294
555
555
555
294
294
294
L 36 W
180
247
312
161
161
161
312
312
312
161
161
161
L 58 W
161
161
161
102
102
102
161
161
161
102
102
102
63
L 18 W
170
340
567
170
340
370
700
700
700
370
370
370
L 36 W
170
340
393
170
203
203
393
393
393
203
203
203
L 58 W
170
203
203
128
128
128
203
203
203
128
128
128
1) All electronic controlgear are switched on simultaneously.
2) The electronic controlgear are one after another switched on in groups.
Circuit impedance:
The specified lamp load values are valid taking into account a cable
impedance of 800 m
Ω.
At 400 m
Ω the permissible values are reduced by 10 %.
Reduction factors for MCBs for a simultaneous switch-on of an incandescent lamp load
referred to the rated current of the MCB and the total operating current of the lamps
Reduction factor
switching using MCBs
switching using a separate switch
5SQ, 5SX, 5SY, 5SP4
Characteristic A
0.3
0.35
Characteristic B
0.5
0.6
Characteristic C
1
1
Characteristic D
1
1
i21_01.fm Seite 22 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com