công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SY4-416-5 bảng dữ liệu(PDF) 8 Page - Siemens Semiconductor Group

tên linh kiện 5SY4-416-5
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-416-5 bảng dữ liệu(HTML) 8 Page - Siemens Semiconductor Group

Back Button 5SY4-416-5 Datasheet HTML 4Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 5Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 6Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 7Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 8Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 9Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 10Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 11Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Description
2/8
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
s Tripping characteristics
Tripping performance at an ambient temperature of 30 °C
Tripping
Standards
Thermal release
Electromagnetic release
characteristic
Test currents:
Test currents:
low
high
tripping time
hold
trips at the
tripping time
test current
test current
63 A
≤ I
n
≤ 125 A
latest at
I1
I2
t
I4
I5
t
A
1.13 x In
> 1 h
> 2 h
2 x In
≥ 0.1 s
1.45 x In
< 1 h
< 2 h
3 x In
< 0.1 s
B
IEC 60 898/EN 60 898
1.13 x In
> 1 h
> 2 h
3 x In
≥ 0.1 s
DIN VDE 0641 Part 11
1.45 x In
< 1 h
< 2 h
5 x In
< 0.1 s
C
1.13 x In
> 1 h
> 2 h
5 x In
≥ 0.1 s
1.45 x In
< 1 h
< 2 h
10 x In
< 0.1 s
D
1.13 x In
> 1 h
> 2 h
10 x In
≥ 0.1 s
1.45 x In
< 1 h
< 2 h
20 x In
< 0.1 s
(IEC 60 898: 50 x In)
s Breaking capacity
For MCBs, there are special re-
quirements with regard to the
breaking capacity.
The values are standardized
and determined according to
the testing conditions of
EN 60 898 and DIN VDE 0641
Part 11.
The most usual values are
and
.
For other test conditions, other
values can be specified which
lie above those of EN 60 898
and DIN VDE 0641 Part 11.
An example of another standard
is EN 60 947-2 or DIN VDE 0660
Part 101 for MCBs.
Detailed information on break-
ing capacity depending on the
rated current and other operat-
ing voltages is available on re-
quest.
6 000
10 000
Rated breaking capacity
EN 60 898 (IEC 60 898)
EN 60 947-2 (IEC 60 947-2)
1-pole
2-, 3-, 4-pole
1-pole
2-, 3-, 4-pole
230 V AC
400 V AC
230 V AC
400 V AC
Rated current
In [A]
Icn [kA]
Icn [kA]
Icu [kA]
Icu [kA]
5SX2
0.5 -
63
6
6
101)
101)
5SX4
0.5 - 50
10
10
152)
152)
5SP4
40
- 125
10
10
15
15
5SY4
0.3 - 63
10
10
15
15
5SY7
0.3 - 63
15
15
20
20
E DIN VDE 0641 T 12
E DIN VDE 0641 T 12
1-pole
2-pole
1-pole
2-pole
230 V AC
400 V AC
220 V DC
440 V DC
Rated current
In [A]
Icn [kA]
Icn [kA]
Icn [kA]
Icn [kA]
5SX5
0.5 - 32
4.5
4.5
10 1)
10 1)
1)
2)
In = 63 A corresponds to Icu = 6 KA
In = 40 A and 50 A corresponds to Icu = 10 kA
i21_01.fm Seite 8 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com