công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SY4-416-5 bảng dữ liệu(PDF) 9 Page - Siemens Semiconductor Group

tên linh kiện 5SY4-416-5
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-416-5 bảng dữ liệu(HTML) 9 Page - Siemens Semiconductor Group

Back Button 5SY4-416-5 Datasheet HTML 5Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 6Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 7Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 8Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 9Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 10Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 11Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 12Page - Siemens Semiconductor Group 5SY4-416-5 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Description
2/9
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
s Selectivity of miniature circuit-breakers/fuses
Generally, distribution networks
are configured as radial net-
works. An overcurrent device
must be provided at each re-
duction of the conductor cross
section. This results in a cas-
cade graded according to the
rated current, which should,
where possible, provide selec-
tivity.
Selectivity means, that in the
event of a fault, only the protec-
tive device in the vicinity of the
fault trips. Thus, parallel current
paths can continue to provide
the necessary power.
For MCBs with upstream fuses,
the selectivity limit essentially
depends on the current limits
and tripping characteristics of
the MCB as well as on the pre-
arcing I2t value of the fuse.
Therefore, MCBs with different
characteristics and rated
breaking capacities also have
different selectivity limits.
The subsequent tables show
the currents up to which selec-
tivity is provided between MCBs
and upstream fuses according
to DIN VDE 0636 Part 21. The
values specified in kA are limit
values which have been deter-
mined under unfavorable test
conditions. In practice, better
values can be obtained, de-
pending on the type of the up-
stream fuse.
Limit values of the MCBs/fuses selectivity
in kA
Downstream
MCBs
Upstream fuses
In [A]
16 A
20 A
25 A
35 A
50 A
63 A
80 A
100 A
5SX2
Characteristic A
≤ 2
0.4
0.7
2.0
•
•
•
•
•
3
0.3
0.6
1.6
2.0
•
•
•
•
4
0.3
0.6
0.9
1.6
•
•
•
•
6
0.2
0.4
0.8
1.2
3.0
3.2
•
•
10
-
0.4
0.6
1.1
2.2
3.0
•
•
16
-
-
0.5
1.0
2.0
2.6
4.5
•
20
-
-
-
1.0
2.0
2.4
4.1
•
25
-
-
-
-
1.5
2.0
3.7
•
32
-
-
-
-
1.2
1.8
3.0
5.0
40
-
-
-
-
-
1.7
2.5
4.0
Characteristic B
6
0.3
0.4
0.7
1.2
3.0
3.2
•
•
10
-
0.4
0.6
1.0
2.2
3.0
5.0
•
13
-
-
0.5
1.0
2.2
3.0
5.0
•
16
-
-
-
1.0
2.0
2.4
4.0
•
20
-
-
-
-
2.0
2.4
4.0
•
25
-
-
-
-
-
2.0
3.5
•
32
-
-
-
-
-
1.7
2.9
•
40
-
-
-
-
-
-
2.0
4.0
50
-
-
-
-
-
-
-
4.0
Characteristic C
≤ 2
0.3
0.5
1.2
1.7
•
•
•
•
3
0.3
0.4
0.8
1.4
4.0
5.0
•
•
4
0.3
0.4
0.6
1.1
3.0
4.0
•
•
6
-
0.4
0.6
1.0
2.4
3.2
•
•
8
-
-
0.5
0.9
1.4
2.6
3.1
•
10
-
-
0.5
0.9
1.4
2.1
3.1
•
13
-
-
-
0.8
1.3
2.0
3.0
•
16
-
-
-
0.8
1.3
2.0
3.0
•
20
-
-
-
-
1.3
2.0
2.7
•
25
-
-
-
-
-
2.0
2.4
5.0
32
-
-
-
-
-
-
2.2
4.0
40
-
-
-
-
-
-
-
3.5
50
-
-
-
-
-
-
-
3.0
63
-
-
-
-
-
-
-
3.0
Characteristic D
≤ 2
0.3
0.4
0.7
1.3
3.0
•
•
•
3
0.3
0.4
0.7
1.2
3.0
•
•
•
4
-
0.4
0.6
1.0
2.5
4.0
•
•
6
-
-
0.5
0.9
2.0
3.0
•
•
8
-
-
-
0.7
1.4
2.0
3.1
•
10
-
-
-
-
1.4
2.0
3.1
•
13
-
-
-
-
-
1.7
3.0
•
16
-
-
-
-
-
1.7
3.0
•
20
-
-
-
-
-
-
2.4
5.0
25
-
-
-
-
-
-
-
5.0
32
-
-
-
-
-
-
-
4.0
40
-
-
-
-
-
-
-
-
50
-
-
-
-
-
-
-
-
• r
≥ Rated breaking capacity 5SX2 acc. to EN 60 898
.
6 000
i21_01.fm Seite 9 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com