| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NT5DS32M4AT bảng dữ liệu(PDF) 39 Page - Nanya Technology Corporation. |
|
|
|||||||||||||||||||||||||||||
NT5DS32M4AT bảng dữ liệu(HTML) 39 Page - Nanya Technology Corporation. |
|
39 / 76 page ![]() NT5DS32M4AT NT5DS16M8AT 128Mb Double Data Rate SDRAM REV 1.0 05/2001 39 © NANYA TECHNOLOGY CORP. All rights reserved. NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice. Write to Precharge: Non-Interrupting (Burst Length = 4) T1 T2 T3 T4 T5 T6 tDQSS (max) NOP NOP NOP NOP Write DI a-b PRE DI a-b = data in for bank a, column b. 3 subsequent elements of data in are applied in the programmed order following DI a-b. A non-interrupted burst is shown. tWR is referenced from the first positive CK edge after the last data in pair. A10 is Low with the Write command (Auto Precharge is disabled). CK CK Command Address DQS DQ DM Don’t Care BA a, COL b BA (a or all) tWR Maximum DQSS T1 T2 T3 T4 T5 T6 NOP NOP NOP NOP Write PRE CK CK Command Address BA a, COL b BA (a or all) tWR Minimum DQSS DI a-b DQS DQ DM tDQSS (min) tRP tRP |