| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NT5DS32M4AT bảng dữ liệu(PDF) 21 Page - Nanya Technology Corporation. |
|
|
|||||||||||||||||||||||||||||
NT5DS32M4AT bảng dữ liệu(HTML) 21 Page - Nanya Technology Corporation. |
|
21 / 76 page ![]() NT5DS32M4AT NT5DS16M8AT 128Mb Double Data Rate SDRAM REV 1.0 05/2001 21 © NANYA TECHNOLOGY CORP. All rights reserved. NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice. Read Burst: CAS Latencies (Burst Length = 4) CAS Latency = 2 NOP NOP NOP NOP NOP Read CK CK Command Address DQS DQ CAS Latency = 2.5 Don’t Care BA a,COL n DOa-n CL=2.5 NOP NOP NOP NOP NOP Read CK CK Command Address DQS DQ BA a,COL n DOa-n DO a-n = data out from bank a, column n. 3 subsequent elements of data out appear in the programmed order following DO a-n. Shown with nominal tAC, tDQSCK, and tDQSQ. CL=2 QFC QFC tQCS tQCH (Optional) tQCH (Optional) tQCS QFC is an open drain driver. The output high level is achieved through an external pull up resistor connected to VDDQ. |