công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N2L bảng dữ liệu(PDF) 22 Page - Renesas Technology Corp

tên linh kiện N2L
Giải thích chi tiết về linh kiện  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L bảng dữ liệu(HTML) 22 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 18Page - Renesas Technology Corp N2L Datasheet HTML 19Page - Renesas Technology Corp N2L Datasheet HTML 20Page - Renesas Technology Corp N2L Datasheet HTML 21Page - Renesas Technology Corp N2L Datasheet HTML 22Page - Renesas Technology Corp N2L Datasheet HTML 23Page - Renesas Technology Corp N2L Datasheet HTML 24Page - Renesas Technology Corp N2L Datasheet HTML 25Page - Renesas Technology Corp N2L Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 127 page
background image
Table 1.19
List of pins and pin functions (225-pin FBGA) (2 of 8)
Pin
number
I/O power
domain
Power supply
clock system
control
I/O
port
Bus, DMAC
Timer (MTU3,
POEG, GPT / POE3,
CMTW, RTC)
Communication (xSPI,
GMAC, ETHSW, ESC, SCI,
SPI, IIC, CANFD, USB)
Others
(DSMIF,
Mailbox) Interrupt ADC12
Host
interface
(SHOSTI
F,
PHOSTIF
)
A15
—
VSS
—
—
—
—
—
—
—
—
B1
VCC1833_2
—
P01_5
WE0# / DQMLL —
ETH2_TXD0
—
—
—
—
B2
VCC1833_2
—
P01_2
CS2#
MTIOC4B / GTIOC2B
ETH2_TXD3
—
IRQ2
—
—
B3
VCC1833_2
—
P00_3
RD/WR#
MTIC5W
ETH2_REFCLK /
RMII2_REFCLK / SS2# /
CTS2# / RTS2#
—
IRQ1
—
—
B4
VCC1833_2
—
P00_5
CS0#
MTIOC3C / GTIOC0B ETHSW_PHYLINK2 /
ETHSW_PHYLINK0 /
ESC_PHYLINK2 /
ESC_PHYLINK0
MDAT0
—
—
—
B5
VCC1833_2
—
P24_1
D13 / CAS#
MTIOC0C /
GTETRGC / POE8#
ETH2_RXCLK
MCLK5
—
—
HD13
B6
—
—
P22_3
D10
MTIOC8D /
GTETRGSB
RXD5 / SCL5 / MISO5
—
—
—
HD10
B7
—
TRACEDATA6
P21_7
D6 / DREQ
MTIOC7C /
GTIOC17A
DE0
MCLK3
IRQ10
—
HD6
B8
—
TRACEDATA0
P21_1
D0
MTIOC6A /
GTIOC14A /
CMTW0_TIC0
ESC_SYNC0 / ESC_SYNC1 /
SCK5 / SPI_SSL20 / IIC_SCL1
MCLK0
—
—
HSPI_INT
# / HD0
B9
—
MDV0
P20_1
—
—
ETHSW_TDMAOUT0 /
ETHSW_PTPOUT3 /
ESC_LINKACT0
—
—
—
—
B10
—
—
—
—
—
—
—
—
AN105
—
B11
—
—
—
—
—
—
—
—
AN102
—
B12
—
—
—
—
—
—
—
—
AN100
—
B13
—
—
—
—
—
—
—
—
AN000
—
B14
—
—
—
—
—
—
—
—
AN002
—
B15
VCC1833_4
MDV4
P19_0
—
—
USB_VBUSEN
—
—
—
—
C1
—
TRACEDATA1
P01_7
A19
MTIOC1B / GTIOC9B
ETHSW_LPI1 / SCK1 /
SPI_RSPCK3 / CANRX0
—
—
ADTRG0# HA19
C2
VCC1833_2
—
P01_3
AH#
MTIOC4D / GTIOC3B ETH2_TXD2
—
—
—
—
C3
VCC1833_2
—
P00_6
CS5#
MTIOC3B / GTIOC1A
ETH2_TXCLK
—
—
—
—
C4
VCC1833_2
—
P00_0
D15
—
ETH2_RXD3 / SCK2 / DE2
—
—
—
HD15
C5
VCC1833_2
—
P24_2
D14 / RAS#
MTIOC0D /
GTETRGD
ETH2_RXD2 / TXD1 / SDA1 /
MOSI1
MDAT5
—
—
HD14
C6
—
TRACECLK
P22_2
D9
MTIOC8C /
GTETRGSA
SPI_SSL12
MCLK1
IRQ4
—
HD9
C7
—
TRACEDATA4
P21_5
D4
MTIOC7A /
GTIOC16A /
CMTW1_TOC1
CTS5# / SPI_MISO0
MCLK2
IRQ6
ADTRG1# HD4
C8
—
TRACEDATA1
P21_2
D1
MTIOC6B /
GTIOC14B /
CMTW0_TIC1
ESC_SYNC0 / ESC_SYNC1 /
RXD5 / SCL5 / MISO5 /
SPI_MISO2 / IIC_SDA1
MDAT0
—
—
HD1
C9
—
—
—
—
—
—
—
—
AN107
—
C10
—
VREFH1
—
—
—
—
—
—
—
—
C11
—
VREFH0
—
—
—
—
—
—
—
—
C12
—
—
—
—
—
—
—
—
AN001
—
C13
—
—
—
—
—
—
—
—
AN003
—
C14
—
AVCC18_TSU
—
—
—
—
—
—
—
—
C15
VCC1833_4
TRACECLK
P18_6
—
MTIC5W
XSPI1_IO7 / ETH1_COL /
SCK4 / DE4 / SPI_MISO2 /
IIC_SCL2
—
IRQ11
ADTRG0# —
D1
—
—
P02_1
A17
—
ETHSW_PTPOUT1 /
ESC_SYNC1 / ESC_SYNC0 /
DE1
—
—
—
HA17
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 22 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More