công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N2L bảng dữ liệu(PDF) 120 Page - Renesas Technology Corp

tên linh kiện N2L
Giải thích chi tiết về linh kiện  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L bảng dữ liệu(HTML) 120 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 116Page - Renesas Technology Corp N2L Datasheet HTML 117Page - Renesas Technology Corp N2L Datasheet HTML 118Page - Renesas Technology Corp N2L Datasheet HTML 119Page - Renesas Technology Corp N2L Datasheet HTML 120Page - Renesas Technology Corp N2L Datasheet HTML 121Page - Renesas Technology Corp N2L Datasheet HTML 122Page - Renesas Technology Corp N2L Datasheet HTML 123Page - Renesas Technology Corp N2L Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 127 page
background image
Note 1. The conversion time is the total of the sampling time and the comparison time.
Analog
signal
source
Ro
Co
Cin
Rs
Cs
DUT
ADC (equiv. circuit)
Ro, Co: Signal source impedance
Cin: Internal parasitic capacitance (package, I/O, etc.)
Rs, Cs: ADC equivalent circuit impedance (With sample-and-hold circuits: Rs = 1.5 kΩ and Cs = 4 pF.
Without sample-and-hold circuits: Rs = 0.75 kΩ and Cs = 3 pF. (Typical))
Figure 2.109
A/D converter equivalent circuit and peripheral configuration diagram
2.8
Temperature Sensor Characteristics
Table 2.50
Temperature sensor characteristics
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Relative accuracy
—
±1
—
°C
*1
Temperature slope
—
0.0625
—
°C/LSB
—
Output code (at 25°C)
—
1545 (decimal)
—
—
TSUSAD register
Note 1. 2-point calibration (Tj = 25℃ and Tj = 85℃) and 8 times averaging.
2.9
Debug Interface Timing
Condition: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5
Table 2.51
Debug interface timing (1 of 2)
Parameter
Symbol
Min.
Max.
Unit
Reference
figure
TCK cycle time
With an ICE connected
tTCKcyc
30*1
—
ns
Figure 2.110
For use in BSCAN
80
—
TCK high pulse width
tTCKH
0.4
0.6
tTCKcyc
TCK low pulse width
tTCKL
0.4
0.6
tTCKcyc
TDI setup time
tTDIS
5
—
ns
Figure 2.111
Output load:
30 pF
TDI hold time
tTDIH
5
—
ns
TMS/SWDIO setup time
tTMSS
5
—
ns
TMS/SWDIO hold time
tTMSH
5
—
ns
SWDIO delay time
tSWDO
—
15
ns
TDO delay time
With an ICE connected
tTDOD
—
15
ns
For use in BSCAN
—
22
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 120 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com