công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N2L bảng dữ liệu(PDF) 112 Page - Renesas Technology Corp

tên linh kiện N2L
Giải thích chi tiết về linh kiện  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2L bảng dữ liệu(HTML) 112 Page - Renesas Technology Corp

Back Button N2L Datasheet HTML 108Page - Renesas Technology Corp N2L Datasheet HTML 109Page - Renesas Technology Corp N2L Datasheet HTML 110Page - Renesas Technology Corp N2L Datasheet HTML 111Page - Renesas Technology Corp N2L Datasheet HTML 112Page - Renesas Technology Corp N2L Datasheet HTML 113Page - Renesas Technology Corp N2L Datasheet HTML 114Page - Renesas Technology Corp N2L Datasheet HTML 115Page - Renesas Technology Corp N2L Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 127 page
background image
(3) Synchronous Burst SRAM Type Transfer Mode
Table 2.44
PHOSTIF timing (Synchronous Burst SRAM Type transfer mode)
No.
Parameter
Symbol
Min.
Max.
Unit
Reference
figure
1
HCKIO input cycle
tHCKIO
20.0
―
ns
Figure 2.99 to
Figure 2.102
2
HCKIO High-level width
tHBHIGH
0.5 × tHCKIO
- 2.1
0.5 × tHCKIO
+ 2.1
ns
3
HCKIO Low-level width
tHBLOW
0.5 × tHCKIO
- 2.1
0.5 × tHCKIO
+ 2.1
ns
4
Address and HCS0#/HCS1# input setup time (to HCKIO ↑)
tSKPHA
4.0
―
ns
5
Address and HCS0#/HCS1# input hold time (to HCKIO ↑)
tHKPCS
1.0
―
ns
6
Address and HCS0#/HCS1# input setup time (to HCKIO ↓)
tSKNHA
4.0
―
ns
7
Address and HCS0#/HCS1# input hold time (to HCKIO ↓)
tHKNHA
1.0
―
ns
8
HWR0#/HWR1# input setup time (to HCKIO ↑)
tSKPHWR
4.0
―
ns
9
HWR0#/HWR1# input hold time (to HCKIO ↑)
tHKPHWR
1.0
―
ns
10
HWR0#/HWR1# input setup time (to HCKIO ↓)
tSKNHWR
4.0
―
ns
11
HWR0#/HWR1# input hold time (to HCKIO ↓)
tHKNHWR
1.0
―
ns
12
HBS#, HWRSTB# input setup time (to CKIO ↑)
tSKPHBCY
4.0
―
ns
13
HBS#, HWRSTB# input hold time (to CKIO ↑)
tHKPHBCY
1.0
―
ns
14
HBS#, HWRSTB# input setup time (to CKIO ↓)
tSKNHBCY
4.0
―
ns
15
HBS#, HWRSTB# input hold time (to CKIO ↓)
tHKNHBCY
1.0
―
ns
16
HRD# input setup time (to CKIO ↑)
tSKPHRD
4.0
―
ns
17
HRD# input hold time (to CKIO ↑)
tHKPHRD
1.0
―
ns
18
HRD# input setup time (to CKIO ↓)
tSKNHRD
4.0
―
ns
19
HRD# input hold time (to CKIO ↓)
tHKNHRD
1.0
―
ns
20
Data input setup time (to CKIO ↑)
tSKPHD
4.0
―
ns
21
Data input hold time (to CKIO ↑)
tHKPHD
1.0
―
ns
22
Data input setup time (to CKIO ↓)
tSKNHD
4.0
―
ns
23
Data input hold time (to CKIO ↓)
tHKNHD
1.0
―
ns
24
Data output delay time (to HRD# ↓)
tDKNHRD
1.0
―
ns
25
Data output hold time (to HRD# ↑)
tHKPHRD
―
11.0
ns
26
Data output delay time (to HCKIO ↑)
tDKPHD
2.0
11.0
ns
27
Data output delay time (to HCKIO ↓)
tDKNHD
2.0
11.0
ns
28
HWAIT# output delay time (to HCKIO ↑)
tDKPHWT
2.0
11.0
ns
29
HWAIT# output delay time (to HCKIO ↓)
tDKNHWT
2.0
11.0
ns
30
Data output hold time (to HCS0#/HCS1# ↑)
tHKPHCS
―
11.0
ns
31
HWRSTB# recovery time (High-level width)
tWHWR
40.0
―
ns
32
HRD# recovery time (High-level width)
tWHRD
40.0
―
ns
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 112 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com