| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FU008-A-R-SD bảng dữ liệu(PDF) 23 Page - ABLIC Inc. |
|
|
|||||||||||||||||||||||||||||
FU008-A-R-SD bảng dữ liệu(HTML) 23 Page - ABLIC Inc. |
|
23 / 29 page ![]() CONVENIENCE TIMER AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL Rev.2.1_00 S-35710M A Series 23 Precautions • Do not apply excessive impact or vibration since this IC has a built-in quartz crystal. Also, do not locate a device which generates high level of electronic noise near this IC. • Depending on the device, the usage condition and other reasons, the built-in quartz crystal may be damaged due to the impact or vibration at the time of board splitting and mounting. Perform thorough evaluation with the actual application. • The built-in quartz crystal may be damaged due to the resonance when executing the ultrasonic cleaning. Therefore, the operation of the IC is not guaranteed if the ultrasonic cleaning is executed. • Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic protection circuit. • ABLIC Inc. claims no responsibility for any disputes arising out of or in connection with any infringement by products including this IC of patents owned by a third party. |