công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XGS bảng dữ liệu(PDF) 19 Page - ON Semiconductor

tên linh kiện XGS
Giải thích chi tiết về linh kiện  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS bảng dữ liệu(HTML) 19 Page - ON Semiconductor

Back Button XGS Datasheet HTML 15Page - ON Semiconductor XGS Datasheet HTML 16Page - ON Semiconductor XGS Datasheet HTML 17Page - ON Semiconductor XGS Datasheet HTML 18Page - ON Semiconductor XGS Datasheet HTML 19Page - ON Semiconductor XGS Datasheet HTML 20Page - ON Semiconductor XGS Datasheet HTML 21Page - ON Semiconductor XGS Datasheet HTML 22Page - ON Semiconductor XGS Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
XGS Family
www.onsemi.com
19
Table 7. POWER−UP SEQUENCE
Symbol
Definition
Min
Typ
Max
Unit
t0
VDD_IO to VDD_PLL
0
(Note 5)
100
ms
t1
VDD_PLL to VDD
0
(Note 5)
100
ms
t2
VDD to VAA
0
(Note 5)
100
ms
t3
VAA to VAA_PIX/VAA_PIX_BST/VAA_RD
0
(Note 5)
100
ms
t4
VAA_PIX/VAA_PIX_BST/VAA_RD to VDD_SLVS
0
(Note 5)
100
ms
tX
EXTCLK Settling Time
0.5
30
(Note 4)
ms
t5
Hard Reset
30
EXTCLK cycles
t6
Internal Initialization (ready once R0x3706 reads back
0xEB)
1.5
ms
t7
PLL Lock Time
10
70
ms
t8
Internal Initialization
6.5
ms
4. The EXTCLK settling time is component−dependent.
5. The minimum time does not include the settling time of the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53