| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2113EU bảng dữ liệu(PDF) 97 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113EU bảng dữ liệu(HTML) 97 Page - NXP Semiconductors |
|
97 / 107 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx 19. Appendix 19.1 LCD character driver selection Table 58. Selection of LCD character drivers Type name Number of Character set VDD1 (V) VDD2 (V) VLCD (V) ffr (Hz) VLCD (V) charge pump VLCD (V) temp. comp Tamb (C) Interface AEC- Q100 Lines Characters Icons PCF2113AU 1 24 2 12 - 120 A 1.8 to 5.5 2.2 to 4 2.2 to 6.5 95 Y Y 40 to 85 I2C / Parallel N PCF2113DU 1 24 2 12 - 120 D 1.8 to 5.5 2.2 to 4 2.2 to 6.5 95 Y Y 40 to 85 I2C / Parallel N PCF2113EU 1 24 2 12 - 120 E 1.8 to 5.5 2.2 to 4 2.2 to 6.5 95 Y Y 40 to 85 I2C / Parallel N PCF2113WU 1 24 2 12 - 120 W 1.8 to 5.5 2.2 to 4 2.2 to 6.5 95 Y Y 40 to 85 I2C / Parallel N PCF2116AU 1 24 2 24 4 12 - A 2.5 to 6 2.5 to 6 3.5 to 9 65 Y N 40 to 85 I2C / Parallel N PCF2116CU 1 24 2 24 4 12 - C 2.5 to 6 2.5 to 6 3.5 to 9 65 Y N 40 to 85 I2C / Parallel N PCF2119AU 1 32 2 16 - 160 A 1.5 to 5.5 2.2 to 4 2.2 to 6.5 95 Y Y 40 to 85 I2C / Parallel N PCF2119DU 1 32 2 16 - 160 D 1.5 to 5.5 2.2 to 4 2.2 to 6.5 95 Y Y 40 to 85 I2C / Parallel N PCF2119FU 1 32 2 16 - 160 F 1.5 to 5.5 2.2 to 4 2.2 to 6.5 95 Y Y 40 to 85 I2C / Parallel N PCF2119IU 1 32 2 16 - 160 I 1.5 to 5.5 2.2 to 4 2.2 to 6.5 95 Y Y 40 to 85 I2C / Parallel N PCF2119RU 1 32 2 16 - 160 R 1.5 to 5.5 2.2 to 4 2.2 to 6.5 95 Y Y 40 to 85 I2C / Parallel N PCF2119SU 1 32 2 16 - 160 S 1.5 to 5.5 2.2 to 4 2.2 to 6.5 95 Y Y 40 to 85 I2C / Parallel N PCF21219DUGR 1 32 2 16 - 160 R 1.5 to 5.5 2.2 to 4 2.2 to 6.5 220 Y Y 40 to 85 I2C / Parallel N PCA2117DUGR 1 40 2 20 - 200 R 2.5 to 5.5 2.5 to 5.5 4 to 16 45 to 360[1] YY 40 to 105 I2C / SPI Y PCA2117DUGS 1 40 2 20 - 200 S 2.5 to 5.5 2.5 to 5.5 4 to 16 45 to 360[1] YY 40 to 105 I2C / SPI Y |