| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2113EU bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113EU bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 107 page ![]() PCA2117 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 4 — 8 April 2015 8 of 107 NXP Semiconductors PCA2117 Automotive LCD driver for character displays 8. Functional description 8.1 Commands of PCA2117 The commands defined in Table 5 control the PCA2117. The sequence to execute a command is like shown in Table 4: [1] More about the slave address, see Section 9.2.7. [2] See Section 9.2.7 and Section 9.3.1. [3] See Section 9.1. [4] More about the subaddress, see Section 9.3.1. Remark: Any other combinations of operation code bits that are not mentioned in this document can lead to undesired operation modes of PCA2117. Table 4. Command execution sequence Bus Byte 1 Byte 2 Byte 3 I2C slave address[1] + R/W[2] CO + RS[1:0][3] command SPI R/W[2] + subaddress[4] CO + RS[1:0][3] command Table 5. Commands of PCA2117 Command name R/W Register select Bits Reference RS[1:0] 7 6 5 4 3 2 1 0 General control commands Register_update 0 0 0 0 0 0 0 0 0 0 0 Section 8.1.1.1 Initialize 00 000 001 Section 8.1.1.2 Clear_reset_flag 0 0 0 1 1 1 1 1 Section 8.1.1.3 OTP_refresh 00 000 010 Section 8.1.1.4 Clock_out_ctrl 00 100 00COE Section 8.1.1.5 Read_reg_select 0 0 0 0 0 1 XC SO Section 8.1.1.6 Read_status_reg 1 TD[7:0] Section 8.1.1.7 CS[7:0] Status_Register_1 to Status_Register_9 RAM_ROM_config 0 01 010 0RR[1:0] Section 8.1.1.8 Sel_mem_bank 0 0 0 1 0 SMB[2:0] Section 8.1.1.9 Set_mem_addr 1 ADD[6:0] Section 8.1.1.10 Read_data 1 0 1 RD[7:0] Section 8.1.1.11 00 0RD[4:0] Write_data 0 WD[7:0] Section 8.1.1.12 00 0WD[4:0] |