| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2113EU bảng dữ liệu(PDF) 96 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113EU bảng dữ liệu(HTML) 96 Page - NXP Semiconductors |
|
96 / 107 page ![]() PCA2117 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 4 — 8 April 2015 96 of 107 NXP Semiconductors PCA2117 Automotive LCD driver for character displays Table 57. Specification of 3 inch tray details Tray details are shown in Figure 63. Nominal values without production tolerances. Tray details Dimensions A B CDE F G HJ K L M NO Unit 7.0 2.5 5.74 1.34 76.0 68.0 56.0 6.75 10.0 62.5 4.2 2.6 3.2 0.48 mm Number of pockets x direction y direction 926 The orientation of the IC in a pocket with active side up is indicated by the position of pin 1 with respect to the chamfer on the upper left corner of the tray. Fig 64. Die alignment in the tray |