| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F616-E/MLQTP bảng dữ liệu(PDF) 77 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/MLQTP bảng dữ liệu(HTML) 77 Page - Cirrus Logic |
|
77 / 172 page ![]() © 2006 Microchip Technology Inc. Preliminary DS41288A-page 75 PIC16F616/16HV616 TABLE 9-2: SUMMARY OF ASSOCIATED ADC REGISTERS Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on: POR, BOR Value on all other Resets ADCON0 ADFM VCFG CHS3 CHS2 CHS1 CHS0 GO/DONE ADON 0000 0000 0000 0000 ADCON1 — ADCS2 ADCS1 ADCS0 — — — — -000 ---- -000 ---- ANSEL ANS7 ANS6 ANS5 ANS4 ANS3 ANS2 ANS1 ANS0 1111 1111 1111 1111 ADRESH A/D Result Register High Byte xxxx xxxx uuuu uuuu ADRESL A/D Result Register Low Byte xxxx xxxx uuuu uuuu INTCON GIE PEIE T0IE INTE RAIE T0IF INTF RAIF 0000 0000 0000 0000 PIE1 —ADIE CCPIE C2IE C1IE — TMR2IE TMR1IE -000 0-00 -000 0-00 PIR1 —ADIF CCPIF C2IF C1IF — TMR2IF TMR1IF -000 0-00 -000 0-00 PORTA — — RA5 RA4 RA3 RA2 RA1 RA0 --x0 x000 --u0 u000 PORTC — — RC5 RC4 RC3 RC2 RC1 RC0 --xx 00xx --uu 00uu TRISA — — TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 --11 1111 --11 1111 TRISC — — TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 --11 1111 --11 1111 Legend: x = unknown, u = unchanged, – = unimplemented read as ‘0’. Shaded cells are not used for ADC module. |