| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F616-E/MLQTP bảng dữ liệu(PDF) 52 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/MLQTP bảng dữ liệu(HTML) 52 Page - Cirrus Logic |
|
52 / 172 page ![]() PIC16F616/16HV616 DS41288A-page 50 Preliminary © 2006 Microchip Technology Inc. FIGURE 8-2: COMPARATOR C1 SIMPLIFIED BLOCK DIAGRAM FIGURE 8-3: COMPARATOR C2 SIMPLIFIED BLOCK DIAGRAM Note 1: When C1ON = 0, the C1 comparator will produce a ‘0’ output to the XOR Gate. 2: Output shown for reference only. See I/O port pin block diagram for more detail. C1POL C1OUT To PWM Logic C1OE RD_CM1CON0 Set C1IF To DQ EN Q1 Data Bus C1POL DQ EN CL Q3*RD_CM1CON0 Reset C1OUT pin(2) MUX C1 0 1 2 3 C1ON(1) C1CH<1:0> 2 0 1 C1R C1VREF MUX C1VIN- C1VIN+ C12IN0- C12IN1- C12IN2- C12IN3- C1IN+ + - MUX C2 C2POL C2OUT To other peripherals 0 1 2 3 C2ON(1) C2CH<1:0> 2 0 1 C2R From Timer1 Clock Note 1: When C2ON = 0, the C2 comparator will produce a ‘0’ output to the XOR Gate. 2: Output shown for reference only. See I/O port pin block diagram for more detail. C2OE C2VREF MUX DQ EN DQ EN CL DQ RD_CM2CON0 Q3*RD_CM2CON0 Q1 Set C2IF To Reset C2VIN- C2VIN+ C2OUT pin(2) C2IN+ C12IN0- C12IN1- C2IN2- C2IN3- 0 1 C2SYNC C2POL Data Bus MUX SYNCC2OUT To Timer1 Gate To SR Latch |