công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

QPC3614 bảng dữ liệu(PDF) 2 Page - Qorvo, Inc

tên linh kiện QPC3614
Giải thích chi tiết về linh kiện  75廓 5 ??500MHz Digital Step Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  QORVO [Qorvo, Inc]
Trang chủ  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC3614 bảng dữ liệu(HTML) 2 Page - Qorvo, Inc

  QPC3614 Datasheet HTML 1Page - Qorvo, Inc QPC3614 Datasheet HTML 2Page - Qorvo, Inc QPC3614 Datasheet HTML 3Page - Qorvo, Inc QPC3614 Datasheet HTML 4Page - Qorvo, Inc QPC3614 Datasheet HTML 5Page - Qorvo, Inc QPC3614 Datasheet HTML 6Page - Qorvo, Inc QPC3614 Datasheet HTML 7Page - Qorvo, Inc QPC3614 Datasheet HTML 8Page - Qorvo, Inc QPC3614 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
QPC3614
75Ω 5 −1500MHz Digital Step Attenuator
Data Sheet Rev. D, Feb 28, 2018 | Subject to change without notice
- 2 of 19 -
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Supply Voltage (VDD)
-
0.5 to + 6.0V
Supply Voltage (VSS)
-
6.0 to + 0.5V
All Other DC and Logic Pads (Supply
Voltage Must Be Applied Prior to Any
Other Pin Voltage)
-0.5 to VDD
Maximum Input Power at RFIN Pad at
85 °C Case Temperature
+30dBm
Maximum Input Power at RFOUT Pad at
85 °C Case Temperature
+27dBm
Storage Temperature Range
-40 to +150°C
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Supply Voltage, VDD
+2.7
+5.0
+5.5
V
Supply Voltage, VSS
-5.5
-5.0
-4.5
V
Temperature Range
-40
+105 (2)
°C
Junction Temperature
+125
°C
(1)
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
(2)
RF input power handling derates above 85 °C
Electrical Specifications
Parameter
Condition (1)
Min
Typ
Max
Unit
Supply Current (IDD)
Steady state operation, current draw during
attenuation state transitions is higher.
190
µA
Supply Current (ISS)
Steady state operation, current draw during
attenuation state transitions is higher.
110
µA
Frequency Range
5
1500
MHz
Insertion Loss
1GHz
1.2
Maximum Attenuation
31.5
dB
Absolute Attenuation Error
±(0.2 + 4%)
dB
Input IP3
1GHz, Two tones, 13dBm/tone
65
dBm
Input P0.1dB(2)
30
dBm
MER
75dBmV composite, 885MHz
40
dB
CCN
75dBmV composite, 885MHz
49
dB
Return Loss
5MHz
– 1200MHz, all states
18
dB
Input and Output
Impedance
75
Ω
Switching Speed
50% control to 10% / 90% RF
150
nsec
Digital Logic Low
0.63
V
Digital Logic High
1.17
V
Thermal Resistance, θjc
Junction to case
67
°C/W
Notes:
1. Typical performance at these conditions: Temp = +25°C, 1000MHz, VDD = +5V, VSS = 0
V, 75Ω system.
2. Figure of merit
– exceeds maximum input power of device.
3. MER Test Conditions: 190 QAM256 Channels, 57-1215MHz, ITU-T J.83, Annex B
4. CCN test procedure according to ANSI/SCTE 17. System BW 5.36MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com