| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5644BCFCLU1R bảng dữ liệu(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5644BCFCLU1R bảng dữ liệu(HTML) 7 Page - NXP Semiconductors |
|
7 / 116 page ![]() Block diagram MPC5646C Microcontroller DataSheet, Rev. 7 NXP Semiconductors 7 Table 2 summarizes the functions of the blocks present on the MPC5646C. Table 2. MPC5646C series block summary Block Function Analog-to-digital converter (ADC) Converts analog voltages to digital values Boot assist module (BAM) A block of read-only memory containing VLE code which is executed according to the boot mode of the device Clock monitor unit (CMU) Monitors clock source (internal and external) integrity Cross triggering unit (CTU) Enables synchronization of ADC conversions with a timer event from the eMIOS or from the PIT Cryptographic Security Engine (CSE) Supports the encoding and decoding of any kind of data Crossbar (XBAR) switch Supports simultaneous connections between two master ports and three slave ports. The crossbar supports a 32-bit address bus width and a 64-bit data bus width DMA Channel Multiplexer (DMAMUX) Allows to route DMA sources (called slots) to DMA channels Deserial serial peripheral interface (DSPI) Provides a synchronous serial interface for communication with external devices Error Correction Status Module (ECSM) Provides a myriad of miscellaneous control functions for the device including program-visible information about configuration and revision levels, a reset status register, wakeup control for exiting sleep modes, and optional features such as information on memory errors reported by error-correcting codes Enhanced Direct Memory Access (eDMA) Performs complex data transfers with minimal intervention from a host processor via “n” programmable channels. Enhanced modular input output system (eMIOS) Provides the functionality to generate or measure events Flash memory Provides non-volatile storage for program code, constants and variables FlexCAN (controller area network) Supports the standard CAN communications protocol FMPLL (frequency-modulated phase-locked loop) Generates high-speed system clocks and supports programmable frequency modulation FlexRay (FlexRay communication controller) Provides high-speed distributed control for advanced automotive applications Fast Ethernet Controller (FEC) Ethernet Media Access Controller (MAC) designed to support both 10 and 100 Mbps Ethernet/IEEE 802.3 networks Internal multiplexer (IMUX) SIUL subblock Allows flexible mapping of peripheral interface on the different pins of the device Inter-integrated circuit (I2C™) bus A two wire bidirectional serial bus that provides a simple and efficient method of data exchange between devices Interrupt controller (INTC) Provides priority-based preemptive scheduling of interrupt requests for both e200z0h and e200z4d cores JTAG controller Provides the means to test chip functionality and connectivity while remaining transparent to system logic when not in test mode |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |