công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5644BCFCLU1R bảng dữ liệu(PDF) 53 Page - NXP Semiconductors

tên linh kiện MPC5644BCFCLU1R
Giải thích chi tiết về linh kiện  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCFCLU1R bảng dữ liệu(HTML) 53 Page - NXP Semiconductors

Back Button MPC5644BCFCLU1R Datasheet HTML 49Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 50Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 51Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 52Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 53Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 54Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 55Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 56Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
53
VIL
SR P Input low Level CMOS
(Schmitt Trigger)
—
−0.3
—
0.35VDD
V
VHYS
CC C Input hysteresis CMOS
(Schmitt Trigger)
—0.1VDD
——
V
VOL
CC P Output low level
Push Pull, IOL = 2 mA,
VDD = 5.0 V ± 10%, PAD3V5V = 0
(recommended)
—
—
0.1VDD
V
Push Pull, IOL = 1 mA,
VDD = 5.0 V ± 10%, PAD3V5V = 1
3
—
—
0.1VDD
Push Pull, IOL = 1 mA,
VDD = 3.3 V ± 10%, PAD3V5V = 1
(recommended)
——
0.5
Ttr
CC D Output transition time
output pin4
MEDIUM configuration
CL = 25 pF,
VDD = 5.0 V ± 10%, PAD3V5V = 0
——
10
ns
CL = 50 pF,
VDD = 5.0 V ± 10%, PAD3V5V = 0
——
20
CL = 100 pF,
VDD = 5.0 V ± 10%, PAD3V5V = 0
——
40
CL = 25 pF,
VDD = 3.3 V ± 10%, PAD3V5V = 1
——
12
CL = 50 pF,
VDD = 3.3 V ± 10%, PAD3V5V = 1
——
25
CL = 100 pF,
VDD = 3.3 V ± 10%, PAD3V5V = 1
——
40
WFRST SR P Reset input filtered pulse
—
—
—
40
ns
WNFRST SR P Reset input not filtered
pulse
—
1000
—
—
ns
|IWPU| CC P Weak pull-up current
absolute value
VDD = 3.3 V ± 10%, PAD3V5V = 1
10
—
150
µA
VDD = 5.0 V ± 10%, PAD3V5V = 0
10
—
150
VDD = 5.0 V ± 10%, PAD3V5V = 1
5
10
—
250
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2 V
DD as mentioned in the table is VDD_HV_A/VDD_HV_B. All values need to be confirmed during device validation.
3 This is a transient configuration during power-up, up to the end of reset PHASE2 (refer to the RGM module section
of the device Reference Manual).
4 C
L includes device and package capacitance (CPKG <5pF).
5 The configuration PAD3V5 = 1 when V
DD = 5 V is only transient configuration during power-up. All pads but
RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state.
Table 21. Reset electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com