| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMPF0200 bảng dữ liệu(PDF) 104 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMPF0200 bảng dữ liệu(HTML) 104 Page - NXP Semiconductors |
|
104 / 115 page ![]() 104 NXP Semiconductors PF0200 TYPICAL APPLICATIONS Figure 26. Generic buck regulator architecture Figure 27. Recommended layout for buck regulators 7.3 Thermal information 7.3.1 Rating data The thermal rating data of the packages has been simulated with the results listed in Table 4. Junction to Ambient Thermal Resistance Nomenclature: the JEDEC specification reserves the symbol RθJA or θJA (Theta-JA) strictly for junction-to-ambient thermal resistance on a 1s test board in natural convection environment. RθJMA or θJMA (Theta-JMA) will be used for both junction-to-ambient on a 2s2p test board in natural convection and for junction-to-ambient with forced convection on both 1s and 2s2p test boards. It is anticipated that the generic name, Theta-JA, will continue to be commonly used. The JEDEC standards can be consulted at http://www.jedec.org. Driver Controller SWxIN SWxLX SWxFB COUT CIN L SWx VIN Compensation CIN_HF |