| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMPF0200 bảng dữ liệu(PDF) 87 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMPF0200 bảng dữ liệu(HTML) 87 Page - NXP Semiconductors |
|
87 / 115 page ![]() NXP Semiconductors 87 PF0200 FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS Table 110. Register INTSTAT4 - ADDR 0x11 Name Bit # R/W Default Description VGEN1FAULTI 0 R/W1C 0 VGEN1 Overcurrent interrupt bit VGEN2FAULTI 1 R/W1C 0 VGEN2 Overcurrent interrupt bit VGEN3FAULTI 2 R/W1C 0 VGEN3 Overcurrent interrupt bit VGEN4FAULTI 3 R/W1C 0 VGEN4 Overcurrent interrupt bit VGEN5FAULTI 4 R/W1C 0 VGEN5 Overcurrent interrupt bit VGEN6FAULTI 5 R/W1C 0 VGEN6 Overcurrent interrupt bit UNUSED 7:6 – 00 Unused Table 111. Register INTMASK4 - ADDR 0x12 Name Bit # R/W Default Description VGEN1FAULTM 0 R/W 1 VGEN1 Overcurrent interrupt mask bit VGEN2FAULTM 1 R/W 1 VGEN2 Overcurrent interrupt mask bit VGEN3FAULTM 2 R/W 1 VGEN3 Overcurrent interrupt mask bit VGEN4FAULTM 3 R/W 1 VGEN4 Overcurrent interrupt mask bit VGEN5FAULTM 4 R/W 1 VGEN5 Overcurrent interrupt mask bit VGEN6FAULTM 5 R/W 1 VGEN6 Overcurrent interrupt mask bit UNUSED 7:6 – 00 Unused Table 112. Register INTSENSE4 - ADDR 0x13 Name Bit # R/W Default Description VGEN1FAULTS 0 R 0 VGEN1 Overcurrent sense bit 0 = Normal operation 1 = Above current limit VGEN2FAULTS 1 R 0 VGEN2 Overcurrent sense bit 0 = Normal operation 1 = Above current limit VGEN3FAULTS 2 R 0 VGEN3 Overcurrent sense bit 0 = Normal operation 1 = Above current limit VGEN4FAULTS 3 R 0 VGEN4 Overcurrent sense bit 0 = Normal operation 1 = Above current limit VGEN5FAULTS 4 R 0 VGEN5 Overcurrent sense bit 0 = Normal operation 1 = Above current limit VGEN6FAULTS 5 R 0 VGEN6 Overcurrent sense bit 0 = Normal operation 1 = Above current limit UNUSED 7:6 – 00 Unused |