| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMPF0200 bảng dữ liệu(PDF) 65 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMPF0200 bảng dữ liệu(HTML) 65 Page - NXP Semiconductors |
|
65 / 115 page ![]() NXP Semiconductors 65 PF0200 FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS Table 79. Register VGEN1CTL - ADDR 0x6C Name Bit # R/W Default Description VGEN1 3:0 R/W 0x80 Sets VGEN1 output voltage. See Table 76 for all possible configurations. VGEN1EN 4 – 0x00 Enables or Disables VGEN1 output 0 = OFF 1 = ON VGEN1STBY 5 R/W 0x00 Set VGEN1 output state when in Standby. Refer to Table 78. VGEN1LPWR 6 R/W 0x00 Enable Low Power mode for VGEN1. Refer to Table 78. UNUSED 7 – 0x00 UNUSED Table 80. Register VGEN2CTL - ADDR 0x6D Name Bit # R/W Default Description VGEN2 3:0 R/W 0x80 Sets VGEN2 output voltage. See Table 76 for all possible configurations. VGEN2EN 4 – 0x00 Enables or Disables VGEN2 output 0 = OFF 1 = ON VGEN2STBY 5 R/W 0x00 Set VGEN2 output state when in Standby. Refer to Table 78. VGEN2LPWR 6 R/W 0x00 Enable Low Power Mode for VGEN2. Refer to Table 78. UNUSED 7 – 0x00 UNUSED Table 81. Register VGEN3CTL - ADDR 0x6E Name Bit # R/W Default Description VGEN3 3:0 R/W 0x80 Sets VGEN3 output voltage. See Table 77 for all possible configurations. VGEN3EN 4 – 0x00 Enables or Disables VGEN3 output 0 = OFF 1 = ON VGEN3STBY 5 R/W 0x00 Set VGEN3 output state when in Standby. Refer to Table 78. VGEN3LPWR 6 R/W 0x00 Enable Low Power mode for VGEN3. Refer to Table 78. UNUSED 7 – 0x00 UNUSED |