| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMPF0200 bảng dữ liệu(PDF) 94 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMPF0200 bảng dữ liệu(HTML) 94 Page - NXP Semiconductors |
|
94 / 115 page ![]() 94 NXP Semiconductors PF0200 FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS B4 OTP SW3B VOLT R/W 8'b0xxx_xxxx – SW3B_VOLT[6:0] 0x x x x x xx B5 OTP SW3B SEQ R/W 8'b000x_xxxx –– SW3B_SEQ[4:0] 00 0 x x x x x B6 OTP SW3B CONFIG R/W 8'b0000_00xx –– – – – – SW3B_CONFIG[1:0] 00 0 0 0 0 x x BC OTP SWBST VOLT R/W 8'b0000_00xx –– – – – – SWBST_VOLT[1:0] 00 0 0 0 0 x x BD OTP SWBST SEQ R/W 8'b0000_xxxx –– – SWBST_SEQ[4:0] 00 0 0 x x x x C0 OTP VSNVS VOLT R/W 8'b0000_0xxx –– – – – VSNVS_VOLT[2:0] 00 0 0 0 0 x x C4 OTP VREFDDR SEQ R/W 8'b000x_x0xx –– – VREFDDR_SEQ[4:0] 00 0 x x 0 x x C8 OTP VGEN1 VOLT R/W 8'b0000_xxxx –– – – VGEN1_VOLT[3:0] 00 0 0 x x x x C9 OTP VGEN1 SEQ R/W 8'b000x_xxxx –– – VGEN1_SEQ[4:0] 00 0 x x x x x CC OTP VGEN2 VOLT R/W 8'b0000_xxxx –– – – VGEN2_VOLT[3:0] 00 0 0 x x x x CD OTP VGEN2 SEQ R/W 8'b000x_xxxx –– – VGEN2_SEQ[4:0] 00 0 x x x x x D0 OTP VGEN3 VOLT R/W 8'b0000_xxxx –– – – VGEN3_VOLT[3:0] 00 0 0 x x x x D1 OTP VGEN3 SEQ R/W 8'b000x_xxxx –– – VGEN3_SEQ[4:0] 00 0 x x x x x D4 OTP VGEN4 VOLT R/W 8'b0000_xxxx –– – – VGEN4_VOLT[3:0] 00 0 0 x x x x D5 OTP VGEN4 SEQ R/W 8'b000x_xxxx –– – VGEN4_SEQ[4:0] 00 0 x x x x x Table 121. Extended page 1 (continued) Address Register Name TYPE Default BITS[7:0] 7 6 5 4 3 2 1 0 |