công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33772ASP1 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện PC33772ASP1
Giải thích chi tiết về linh kiện  Battery cell controller IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PC33772ASP1 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button PC33772ASP1 Datasheet HTML 2Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 3Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 4Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 5Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 6Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 7Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 8Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 9Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
NXP Semiconductors
33772
Digital interface
FAULT Output (High Active, IOH = 1.0 mA)
4.9
V
FAULT Output Pull-down Resistance
100
k
Ω
VHYS
Input Hysteresis
• SI/RDTX_IN+, SCLK/RDTX_IN-, CSB, SDA, SCL
80
mV
RSCLK_PD
Input Logic Pull-down Resistance (SCLK/RDTX_IN-, SI/RDTX+)
20
k
Ω
R_PU
Input Logic Pull-up Resistance to VCOM (CSB, SDA, SCL)
100
k
Ω
CSBWU_FLT
CSB Wake-up De-glitch Filter, Low to High Transition
50
μs
System timing
tCELL_CONV
Time needed to acquire all 6 cell voltages and the current after an on demand conversion
• 16-Bit Resolution
208
μs
tSYNC
V/I time synchronization
• ADC1-A,B at 16-Bit, ADC2 at 16-Bit
113
μs
tWAKE_DELAY
Time between wake pulses
600
μs
tIDLE
Idle time out after POR
60
s
tWAKE_INIT
Wake-up signaling time out after POR
0.75
s
tDIAG
Diagnostic Mode Time-out
1.0
s
tEOC
SOC to Data Ready (includes post processing of data)
• 16-Bit Resolution
520
μs
tSETTLE
Time after SOC to begin converting with ADC1-A,b
12.28
μs
tCLST_TPL
Time needed to send a SOC command and read back 6 cell voltages, 7 temperatures, 1 current,
1 Coulomb counter with TPL communication working at 2.0 Mbps and ADC1-A,B configured as
follows:
• 16-Bit Resolution
1.16
ms
tCLST_SPI
Time needed to send a SOC command and read back 6 cell voltages, 7 temperatures, 1 current,
1 Coulomb counter with SPI communication working at 4.0 Mbps and ADC1-A,B configured as
follows:
• 16-Bit Resolution
0.86
ms
tI2C_ACCESS
EEPROM Access Time, EEPROM Write (depends on device selection)
5.0
ms
tWAVE_DC_BITx
Daisy Chain Duty Cycle OFF Time
•tWAVE_DC_BITx = 00
500
μs
tWAVE_DC_BITx
Daisy Chain Duty Cycle OFF Time
•tWAVE_DC_BITx = 01
1.0
ms
tWAVE_DC_BITx
Daisy Chain Duty Cycle OFF Time
•tWAVE_DC_BITx = 10
10
ms
tWAVE_DC_BITx
Daisy Chain Duty Cycle OFF Time
•tWAVE_DC_BITx = 11
100
ms
tWAVE_DC_ON
Daisy Chain Duty Cycle ON Time
500
μs
tSLEEP
Time out to enter Sleep Mode in the absence of TPL communication
1024
ms
Table 3. Key parameters (continued)
Characteristics noted under SPI mode conditions 5.0 V
≤ VPWR ≤ 30 V, TPL mode: 7.0 V ≤ VPWR ≤ 30 V, -40 °C ≤ TA ≤ 125 °C,
GND = 0 V, unless otherwise stated. Typical values refer to VPWR = 24 V, TA = 25 °C, unless otherwise noted.
Before starting any development, it is recommended to request a copy of the full 33772 data sheet.
Symbol
Characteristic
Typ.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com