công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33772ASP1 bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện PC33772ASP1
Giải thích chi tiết về linh kiện  Battery cell controller IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PC33772ASP1 bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button PC33772ASP1 Datasheet HTML 2Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 3Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 4Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 5Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 6Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 7Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 8Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 9Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NXP Semiconductors
7
33772
ADC2/current sense module (continued)
VI_NOISE
Noise Error at 13-bit Conversion
8.33
μVrms
ADCCLK
ADC2 and ADC1-A,B Clocking Frequency
6.0
MHz
Cell balance drivers
VDS(CLAMP)
Cell Balance Driver VDS Active Clamp Voltage
• Clamp Energy tbd
11
V
VOUT(FLT_TH)
Output Fault Detection Voltage Threshold
• Balance OFF (Open Load)
• Balance ON (Shorted Load)
0.55
V
RPD_CB
Output OFF Open Load Detection Pull-down Resistor
• Balance OFF, Open Load Detect Disabled
2.0
k
Ω
RDS(on)
Drain-to-Source ON Resistance
•IOUT = 300 mA, TJ = 105 °C
•IOUT = 300 mA, TJ = 25 °C
•IOUT = 300 mA, TJ = -40 °C
–
0.5
0.4
Ω
tON
Cell Balance Driver Turn On
•RL = 15 Ω
350
μs
tOFF
Cell Balance Driver Turn Off
•RL = 15 Ω
200
μs
tBAL_DEGLICTH
Short/Open Detect Filter Time
20
μs
Internal temperature measurement
IC_TEMP1_RES
IC Temperature Resolution
0.032
K/LSB
TSD_TH
Thermal Shutdown
170
°C
TSD_HYS
Thermal Shutdown Hysteresis
10
°C
General purpose input/output GPIOx
VOL(TH)
Analog Input Open Pin Detect Threshold
0.15
V
ROPENPU
Internal Open detection Pull-down Resistor
5.0
k
Ω
GPIO0 WU De-glitch Filter
50
μs
GPIO0 Daisy Chain De-glitch Filter both edges
20
μs
GPIO2 Convert Trigger De-glitch Filter
2.0
μs
Reset input
tRESETFLT
RESET De-glitch Filter
100
μs
RRESET_PD
Input Logic Pull-down (RESET)
100
k
Ω
SPI_COM_EN input
VHYS
Input Hysteresis
125
mV
RSPI_COM_EN_PD
Input Pull-down Resistor (SPI_COM_EN)
100
k
Ω
Bus switch for TPL communication
RXTERM
Bus Termination Resistor (open resistor when bus switch is closed)
300
Ω
Remark: if the bus switch is closed, the termination resistor is open, else the termination resistor is connected. At the end of the daisy chain the switch
must be open, so the transmission line is properly terminated.
Table 3. Key parameters (continued)
Characteristics noted under SPI mode conditions 5.0 V
≤ VPWR ≤ 30 V, TPL mode: 7.0 V ≤ VPWR ≤ 30 V, -40 °C ≤ TA ≤ 125 °C,
GND = 0 V, unless otherwise stated. Typical values refer to VPWR = 24 V, TA = 25 °C, unless otherwise noted.
Before starting any development, it is recommended to request a copy of the full 33772 data sheet.
Symbol
Characteristic
Typ.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com