công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33772ASP1 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện PC33772ASP1
Giải thích chi tiết về linh kiện  Battery cell controller IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PC33772ASP1 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  PC33772ASP1 Datasheet HTML 1Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 2Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 3Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 4Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 5Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 6Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 7Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 8Page - NXP Semiconductors PC33772ASP1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NXP Semiconductors
5
33772
33
SCLK/RDTX_IN- SPI clock or receive/transmit input negative
42
AN6/GPIO6
General purpose analog input or GPIO
34
SI/RDTX_IN+
SPI serial input or receiver/transmit input positive
43
ISENSE+
Current measurement input+
35
RDTX_OUT+
Receive/transmit output positive
44
ISENSE-
Current measurement input–
36
AN0/GPIO0
General purpose analog input or GPIO
45
AGND
Analog ground, terminate to GNDSUB
37
AN1/GPIO1
General purpose analog input or GPIO
46
DGND
Digital ground, terminate to GNDSUB
38
AN2/GPIO2
General purpose analog input or GPIO
47
VANA
Precision ADC analog supply. Decouple with
ceramic 47 nF ceramic capacitor to AGND
39
AN3/GPIO3
General purpose analog input or GPIO
48
GNDSUB
Ground reference for device, terminate to
reference of battery cluster. Note: GNDREF is an
alias of it.
40
AN4/GPIO4
General purpose analog input or GPIO
49
GNDFLAG
Device flag, terminate to lowest potential of
battery cluster
41
AN5/GPIO5
General purpose analog input or GPIO
Table 3. Key parameters
Characteristics noted under SPI mode conditions 5.0 V
≤ VPWR ≤ 30 V, TPL mode: 7.0 V ≤ VPWR ≤ 30 V, -40 °C ≤ TA ≤ 125 °C,
GND = 0 V, unless otherwise stated. Typical values refer to VPWR = 24 V, TA = 25 °C, unless otherwise noted.
Before starting any development, it is recommended to request a copy of the full 33772 data sheet.
Symbol
Characteristic
Typ.
Unit
Notes
Power management
IVPWR
Supply Current (base value)
• Normal mode, Cell Balance OFF, ADC Inactive, Communication Inactive, IVCOM = 0 mA
5.8
mA
IVPWR(CBON)
Supply Current adder to set all 6 Cell Balance switches ON
0.97
mA
IVPWR(ADC)
Delta Supply Current to perform ADC conversions (addend)
• ADC1-A,B continuously converting
• ADC2 continuously converting
2.9
1.17
mA
IVPWR(SS)
Supply Current in Sleep mode, Communication Inactive, Cell Balance OFF, Oscillator Monitor
ON
• SPI mode
• TPL mode
32
50
μA
tVPWR(FILTER)
VPWR OV, LV, UV Filter
50
μs
VPRE power supply
VVPRE(UV_TH)
Undervoltage Threshold for VCP minus VPRE
4.25
V
VCP power supply
VCP(UV_TH)
Undervoltage Threshold for VCP minus VPRE
1.5
V
VCOM power supply
VCOM
VCOM Output Voltage
5.0
V
VCOM(UV)
VCOM Undervoltage Fault Threshold
4.5
V
VCOM_HYS
VCOM Undervoltage Hysteresis
100
mV
VDDIO power supply
tVCOM(FLT_TIMER) VCOM Undervoltage Fault Timer
10
μs
tVCOM(RETRY)
VCOM Fault Retry Timer
10
ms
RVCOM(SS)
VCOM Sleep Mode Pull-down Resistor
2.0
k
Ω
Table 2. 33772 pin definitions (continued)
Pin number
Pin name
Definition
Pin number
Pin name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com