công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8315ECVRADDA bảng dữ liệu(PDF) 95 Page - NXP Semiconductors

tên linh kiện MPC8315ECVRADDA
Giải thích chi tiết về linh kiện  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8315ECVRADDA bảng dữ liệu(HTML) 95 Page - NXP Semiconductors

Back Button MPC8315ECVRADDA Datasheet HTML 91Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 92Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 93Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 94Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 95Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 96Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 97Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 98Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
95
Thermal
25 Thermal
This section describes the thermal specifications of the MPC8315E.
25.1
Thermal Characteristics
This table provides the package thermal characteristics for the 620 29
 29 mm TEPBGA II.
6
0010
0000101
66.67
133.33
333.33
7
0101
0000110
25
125
375
8
0100
0000110
33.33
133.33
400
9
0010
0000110
66.67
133.33
400
Table 78. Package Thermal Characteristics for TEPBGA II
Characteristic
Board type
Symbol
Value
Unit
Note
Junction to ambient natural convection
Single layer board (1s)
RJA
23
°C/W
1, 2
Junction to ambient natural convection
Four layer board (2s2p)
RJA
16
°C/W
1, 2, 3
Junction to ambient (@200 ft/min)
Single layer board (1s)
RJMA
18
°C/W
1, 3
Junction to ambient (@200 ft/min)
Four layer board (2s2p)
RJMA
13
°C/W
1, 3
Junction to board
—
RJB
8°C/W
4
Junction to case
—
RJC
6°C/W
5
Junction to package top
Natural convection
JT
6°C/W
6
Note:
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
2. Per JEDEC JESD51-2 with the single layer board horizontal. Board meets JESD51-9 specification.
3. Per JEDEC JESD51-6 with the board horizontal.
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
6. Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is
written as Psi-JT.
Table 77. Suggested PLL Configurations
Conf. No.
SPMF
Core\PLL
Input Clock Frequency (MHz) CSB Frequency (MHz) Core Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com