| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST25PF040C bảng dữ liệu(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST25PF040C bảng dữ liệu(HTML) 8 Page - Microchip Technology |
|
8 / 47 page ![]() SST25PF040C DS20005397F-page 8 2015-2022 Microchip Technology Inc. and its subsidiaries 4.2.4 BLOCK PROTECTION LOCK-DOWN (BPL–BIT 7) When the WP# pin is driven low (VIL), it enables the Block Protection Lock-Down (BPL) bit. When BPL is set to ‘1’, it prevents any further alteration of the BP0, BP1, BP2, TB, and BPL bits. When the WP# pin is driven high (VIH), the BPL bit has no effect and its value is ‘Don’t Care’. TABLE 4-3: SOFTWARE STATUS REGISTER BLOCK PROTECTION Protection Level STATUS Register Bit Protected Memory Address TB BP2 BP1 BP0 0 (Full Memory Array unprotected) X 0 0 0 None T1 (1/8 Top Memory Block protected) 0 0 0 1 070000H-07FFFFH T2 (1/4 Top Memory Block protected) 0 0 1 0 060000H-07FFFFH T3 (1/2 Top Memory Block protected) 0 0 1 1 040000H-07FFFFH B1 (1/8 Bottom Memory Block protected) 1 0 0 1 000000H-00FFFFH B2 (1/4 Bottom Memory Block protected) 1 0 1 0 000000H-01FFFFH B3 (1/2 Bottom Memory Block protected) 1 0 1 1 000000H-03FFFFH 4 (Full Memory Block protected) X 1 X X 000000H-07FFFFH |