công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC583 bảng dữ liệu(PDF) 96 Page - Analog Devices

tên linh kiện ADSP-SC583
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 bảng dữ liệu(HTML) 96 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 92Page - Analog Devices ADSP-SC583 Datasheet HTML 93Page - Analog Devices ADSP-SC583 Datasheet HTML 94Page - Analog Devices ADSP-SC583 Datasheet HTML 95Page - Analog Devices ADSP-SC583 Datasheet HTML 96Page - Analog Devices ADSP-SC583 Datasheet HTML 97Page - Analog Devices ADSP-SC583 Datasheet HTML 98Page - Analog Devices ADSP-SC583 Datasheet HTML 99Page - Analog Devices ADSP-SC583 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 173 page
background image
Rev. B
|
Page 96 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
SMC Write Cycle Timing With Reference to SYS_CLKOUT
The following SMC specifications (Table 50 and Figure 16) with respect to SYS_CLKOUT are given to accommodate the connection of
the SMC to programmable logic devices. These specifications assume that SYS_CLKOUT is outputting a buffered version of SCLK0 by
setting CGU_CLKOUTSEL.CLKOUTSEL = 0x3.
Table 50. SMC Write Cycle Timing With Reference to SYS_CLKOUT (BxMODE = b#00)
Parameter
Min
Max
Unit
Timing Requirements
tSARDY
SMC0_ARDY Setup Before SYS_CLKOUT
14.4
ns
tHARDY
SMC0_ARDY Hold After SYS_CLKOUT
0.7
ns
Switching Characteristics
tDDAT
SMC0_Dx Disable After SYS_CLKOUT
7
ns
tENDAT
SMC0_Dx Enable After SYS_CLKOUT
–2.5
ns
tDO
Output Delay After SYS_CLKOUT1
1 Output pins/balls include SMC0_AMSx, SMC0_ABEx, SMC0_Ax, SMC0_Dx, SMC0_AOE, and SMC0_AWE.
7ns
tHO
Output Hold After SYS_CLKOUT 1
–2.5
ns
Figure 16. SMC Write Cycle Timing With Reference to SYS_CLKOUT Timing
SETUP
CYCLES
PROGRAMMED
WRITE
ACCESS
CYCLES
ACCESS
EXTEND
CYCLE
HOLD
CYCLE
tDO
tHO
SYS_CLKOUT
SMC0_ABEx
SMC0_AWE
SMC0_ARDY
SMC0_Dx
tSARDY
tSARDY
tDDAT
tENDAT
tHARDY
tHO
tDO
tHARDY
SMC0_Ax
SMC0_AMSx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More