| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-SC583 bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC583 bảng dữ liệu(HTML) 4 Page - Analog Devices |
|
4 / 173 page ![]() Rev. B | Page 4 of 173 | December 2018 ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587 Table 2. Comparison of ADSP-SC58x/ADSP-2158x Processor Features Processor Feature ADSP- SC582 ADSP- SC583 ADSP- SC584 ADSP- SC587 ADSP- SC589 ADSP- 21583 ADSP- 21584 ADSP- 21587 Arm Cortex-A5 (MHz, Max) 500 500 500 500 500 N/A N/A N/A Arm Core L1 Cache (I, D kB) 32, 32 32, 32 32, 32 32, 32 32, 32 N/A N/A N/A Arm Core L2 Cache (kB) 256 256 256 256 256 N/A N/A N/A SHARC+ Core1 (MHz, Max) 500 500 500 500 500 500 500 500 SHARC+ Core2 (MHz, Max) N/A 500 500 500 500 500 500 500 SHARC L1 SRAM (kB) 640 384 640 640 640 384 640 640 L2 SRAM (Shared) (kB) 256 256 256 256 256 256 256 256 L2 ROM (Shared) (kB) 512 512 512 512 512 512 512 512 DDR3/DDR2/LPDDR1 Controller (16-bit) 1112 2 1 1 2 USB 2.0 HS + PHY (Host/Device/OTG) 1111 1 N/A N/A N/A USB 2.0 HS + PHY (Host/Device) N/A N/A N/A 1 1 N/A N/A N/A 10/100 Std EMAC N/A N/A N/A 1 1 N/A N/A N/A 10/100/1000 /AVB EMAC + Timer IEEE 1588 1111 1 N/A N/A N/A SDIO/eMMC N/A N/A N/A 1 1 N/A N/A N/A PCIe 2.0 (1 Lane) N/A N/A N/A N/A 1 N/A N/A N/A RTC N/A N/A N/A 1 1 N/A N/A 1 GPIO Ports Port A to E Port A to E Port A to E Port A to G Port A to G Port A to E Port A to E Port A to G GPIO + DAI Pins 80 + 28 80 + 28 80 + 28 102 + 40 102 + 40 80 + 28 80 + 28 102 + 40 19 mm × 19 mm Package Options 349-BGA 349-BGA 349-BGA 529-BGA 529-BGA 349-BGA 349-BGA 529-BGA Table 3. Comparison of ADSP-SC58x/ADSP-2158x Processor Features for Automotive Processor Feature ADSP-SC582W ADSP-SC583W ADSP-SC584W ADSP-SC587W ADSP-21583W ADSP-21584W Arm Cortex-A5 (MHz, Max) 450 450 500 500 N/A N/A Arm Core L1 Cache (I, D kB) 32, 32 32, 32 32, 32 32, 32 N/A N/A Arm Core L2 Cache (kB) 256 256 256 256 N/A N/A SHARC+ Core1 (MHz, Max) 450 450 500 500 450 500 SHARC+ Core2 (MHz, Max) N/A 450 500 500 450 500 SHARC L1 SRAM (kB) 640 384 640 640 384 640 L2 SRAM (Shared) (kB) 256 256 256 256 256 256 L2 ROM (Shared) (kB) 512 512 512 512 512 512 DDR3/DDR2/LPDDR1 Controller (16-bit) 1112 1 1 USB 2.0 HS + PHY (Host/Device/OTG) 1111 N/A N/A USB 2.0 HS + PHY (Host/Device) N/A N/A N/A 1 N/A N/A 10/100 Std EMAC N/A N/A N/A 1 N/A N/A 10/100/1000/AVB EMAC + Timer IEEE 1588 1111 N/A N/A SDIO/eMMC N/A N/A N/A 1 N/A N/A PCIe 2.0 (1 Lane) N/A N/A N/A N/A N/A N/A MLB 3-Pin/6-Pin 1111 1 1 RTC N/A N/A N/A 1 N/A N/A GPIO Ports Port A to E Port A to E Port A to E Port A to G Port A to E Port A to E GPIO + DAI Pins 80 + 28 80 + 28 80 + 28 102 + 40 80 + 28 80 + 28 19 mm × 19 mm Package Options 349-BGA 349-BGA 349-BGA 529-BGA 349-BGA 349-BGA |