công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC583 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADSP-SC583
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 4Page - Analog Devices ADSP-SC583 Datasheet HTML 5Page - Analog Devices ADSP-SC583 Datasheet HTML 6Page - Analog Devices ADSP-SC583 Datasheet HTML 7Page - Analog Devices ADSP-SC583 Datasheet HTML 8Page - Analog Devices ADSP-SC583 Datasheet HTML 9Page - Analog Devices ADSP-SC583 Datasheet HTML 10Page - Analog Devices ADSP-SC583 Datasheet HTML 11Page - Analog Devices ADSP-SC583 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 173 page
background image
Rev. B
|
Page 8 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
The memory map in Table 4 gives the L1 memory address space
and shows multiple L1 memory blocks offering a configurable
mix of SRAM and cache.
L1 Master and Slave Ports
Each SHARC+ core has two master and two slave ports to and
from the system fabric. One master port fetches instructions.
The second master port drives data to the system world. Both
slave ports allow conflict free core/direct memory access (DMA)
streams to the individual memory blocks. For slave port
addresses, refer to the L1 memory address map in Table 4.
L1 On-Chip Memory Bandwidth
The internal memory architecture allows programs to have four
accesses at the same time to any of the four blocks, assuming no
block conflicts. The total bandwidth is realized using both the
DMD and PMD buses.
Instruction and Data Cache
The ADSP-SC58x/ADSP-2158x processors also include a
traditional instruction cache (I-cache) and two data caches
(D-cache) (PM and DM caches). These caches support one
instruction access and two data accesses over the DM and PM
buses, per CCLK cycle. The cache controllers automatically
manage the configured L1 memory. The system can configure
part of the L1 memory for automatic management by the cache
controllers. The sizes of these caches are independently configu-
rable from 0 kB to a maximum of 128 kB each. The memory not
managed by the cache controllers is directly addressable by the
processors. The controllers ensure the data coherence between
the two data caches. The caches provide user-controllable fea-
tures such as full and partial locking, range-bound invalidation,
and flushing.
System Event Controller (SEC) Input
The output of the system event controller (SEC) controller is
forwarded to the core event controller (CEC) to respond
directly to all unmasked system-based interrupts. The SEC also
supports nesting including various SEC interrupt channel arbi-
tration options. For all SEC channels, the processor
automatically stacks the arithmetic status (ASTATx and
ASTATy) registers and mode (MODE1) register in parallel with
the interrupt servicing.
Core Memory-Mapped Registers (CMMR)
The core memory-mapped registers control the L1 instruction
and data cache, BTB, L2 cache, parity error, system control,
debug, and monitor functions.
SHARC+ CORE ARCHITECTURE
The ADSP-SC58x/ADSP-2158x processors are code compatible
at the assembly level with the ADSP-2148x, ADSP-2147x,
ADSP-2146x, ADSP-2137x, ADSP-2136x, ADSP-2126x,
ADSP-2116x, and with the first-generation ADSP-2106x
SHARC processors.
The ADSP-SC58x/ADSP-2158x processors share architectural
features with the ADSP-2126x, ADSP-2136x, ADSP-2137x,
ADSP-214xx, and ADSP-2116x SIMD SHARC processors,
shown in Figure 4 and detailed in the following sections.
SIMD Computational Engine
The SHARC+ core contains two computational processing ele-
ments that operate as a single-instruction, multiple data (SIMD)
engine.
Figure 5. ADSP-SC58x/ADSP-2158x Memory Map
0x FFFF FFFF
0x C000 0000
0x 8000 0000
0x 6000 0000
0x 5000 0000
0x 4C00 0000
0x 4800 0000
0x 4400 0000
0x 4000 0000
0x 3000 0000
0x 28F9 FFFF
0x 28A4 0000
0x 2879 FFFF
0x 2824 0000
0x 202B FFFF
0x 201B FFFF
0x 2028 0000
0x 2020 7FFF
0x 2020 0000
0x 2018 0000
0x 2010 7FFF
0x 2010 0000
0x 200B FFFF
0x 2008 0000
0x 2000 7FFF
DMC1 (1GB)
DMC0 (1GB)
SPI2 FLASH (512MB)
PCIe (256MB)
SMC BANK 3 (64MB)
SMC BANK 2 (64MB)
SMC BANK 1 (64MB)
SMC BANK 0 (64MB)
SYSTEM MMR
RESERVED
SHARC2 L1 MULTI-MEMORY SPACE
RESERVED
SHARC1 L1 MULTI-MEMORY SPACE
RESERVED
L2 ROM 2 (2Mb)
RESERVED
L2 BOOT ROM 2 (0.25Mb)
(SHARC Cores)
RESERVED
L2 ROM 1 (2Mb)
RESERVED
RESERVED
L2 SRAM (2Mb)
RESERVED
L2 BOOT ROM 0 (0.25Mb)
(ARM CORE 0)
L2 BOOT ROM 1 (0.25Mb)
(SHARC Cores)
0x 2000 0000
0x 0039 FFFF
0x 0038 0000
0x 0031 FFFF
0x 0030 0000
0x 002E FFFF
0x 002C 0000
0x 0026 FFFF
0x 0024 0000
0x 0000 0000
RESERVED
L1 BLOCK 3 SRAM (1Mb)
RESERVED
RESERVED
RESERVED
L1 BLOCK 2 SRAM (1Mb)
L1 BLOCK 1 SRAM (1.5Mb)
L1 BLOCK 0 SRAM (1.5Mb)
RESERVED/CORE MMRs/
OTHER MEMORY ALIASES
RESERVED
ARM L2 CONFIG REGS (4KB)
RESERVED
ARM BOOT (32KB)
0x 2000 0000
0x 1000 1000
0x 1000 0000
0x 0000 7FFF
0x 0000 0000
UNIFIED
BYTE ADDRESS
SPACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com