| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADPD4200 bảng dữ liệu(PDF) 76 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4200 bảng dữ liệu(HTML) 76 Page - Analog Devices |
|
76 / 93 page ![]() Data Sheet ADPD4200 REGISTER DETAILS analog.com Rev. 0 | 76 of 93 Table 27. Interrupt Status and Control Register Details Addr Name Bits Bit Name Description Reset Access1 6 INTX_EN_LEV1_G INT_LEV1_G Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV1_G status on Interrupt X. 0x0 R/W 5 INTX_EN_LEV1_F INT_LEV1_F Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV1_F status on Interrupt X. 0x0 R/W 4 INTX_EN_LEV1_E INT_LEV1_E Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV1_E status on Interrupt X. 0x0 R/W 3 INTX_EN_LEV1_D INT_LEV1_D Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV1_D status on Interrupt X. 0x0 R/W 2 INTX_EN_LEV1_C INT_LEV1_C Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV1_C status on Interrupt X. 0x0 R/W 1 INTX_EN_LEV1_B INT_LEV1_B Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV1_B status on Interrupt X. 0x0 R/W 0 INTX_EN_LEV1_A INT_LEV1_A Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV1_A status on Interrupt X. 0x0 R/W 0x001A INT_ENABLE_YL0 [15:12] Reserved Reserved. 0x0 R 11 INTY_EN_LEV0_L INT_LEV0_L Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV0_L status on Interrupt Y. 0x0 R/W 10 INTY_EN_LEV0_K INT_LEV0_K Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV0_K status on Interrupt Y. 0x0 R/W 9 INTY_EN_LEV0_J INT_LEV0_J Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV0_J status on Interrupt Y. 0x0 R/W 8 INTY_EN_LEV0_I INT_LEV0_I Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV0_I status on Interrupt Y. 0x0 R/W 7 INTY_EN_LEV0_H INT_LEV0_H Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV0_H status on Interrupt Y. 0x0 R/W 6 INTY_EN_LEV0_G INT_LEV0_G Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV0_G status on Interrupt Y. 0x0 R/W 5 INTY_EN_LEV0_F INT_LEV0_F Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV0_F status on Interrupt Y. 0x0 R/W 4 INTY_EN_LEV0_E INT_LEV0_E Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV0_E status on Interrupt Y. 0x0 R/W 3 INTY_EN_LEV0_D INT_LEV0_D Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV0_D status on Interrupt Y. 0x0 R/W 2 INTY_EN_LEV0_C INT_LEV0_C Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV0_C status on Interrupt Y. 0x0 R/W 1 INTY_EN_LEV0_B INT_LEV0_B Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV0_B status on Interrupt Y. 0x0 R/W 0 INTY_EN_LEV0_A INT_LEV0_A Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV0_A status on Interrupt Y. 0x0 R/W 0x001B INT_ENABLE_YL1 [15:12] Reserved Reserved. 0x0 R 11 INTY_EN_LEV1_L INT_LEV1_L Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV1_L status on Interrupt Y. 0x0 R/W 10 INTY_EN_LEV1_K INT_LEV1_K Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV1_K status on Interrupt Y. 0x0 R/W 9 INTY_EN_LEV1_J INT_LEV1_J Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV1_J status on Interrupt Y. 0x0 R/W 8 INTY_EN_LEV1_I INT_LEV1_I Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV1_I status on Interrupt Y. 0x0 R/W 7 INTY_EN_LEV1_H INT_LEV1_H Interrupt Enable. Write a 1 to this bit to enable drive of INT_LEV1_H status on Interrupt Y. 0x0 R/W |