| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADPD4200 bảng dữ liệu(PDF) 61 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4200 bảng dữ liệu(HTML) 61 Page - Analog Devices |
|
61 / 93 page ![]() Data Sheet ADPD4200 REGISTER MAP analog.com Rev. 0 | 61 of 93 Table 25. Register Map Summary Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W 0x01E1 TS_PATH_H [15:8] PRE_WIDTH_H[3:0] Reserved TS_GPIO_ H AFE_ PATH_ CFG_H[8] 0x40DA R/W [7:0] AFE_PATH_CFG_H[7:0] 0x01E2 INPUTS_H [15:8] INP78_H[3:0] Reserved 0x0000 R/W [7:0] Reserved INP12_H[3:0] 0x01E3 CATHODE_H [15:8] Reserved PRECON_H[2:0] VC2_PULSE_H[1:0] VC2_ALT_H[1:0] 0x0000 R/W [7:0] VC2_SEL_H[1:0] VC1_PULSE_H[1:0] VC1_ALT_H[1:0] VC1_SEL_H[1:0] 0x01E4 AFE_TRIM_H [15:8] Reserved CH2_TRIM_INT_H[1:0] CH1_TRIM_INT_H[1:0] VREF_ PULSE_H AFE_TRIM_ VREF_H[1:0] 0x03C0 R/W [7:0] VREF_PULSE_VAL_H[1:0] TIA_GAIN_CH2_H[2:0] TIA_GAIN_CH1_H[2:0] 0x01E5 LED_ POW12_H [15:8] LED_ DRIVESIDE2 _H LED_CURRENT2_H[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE1 _H LED_CURRENT1_H[6:0] 0x01E6 LED_ POW34_H [15:8] LED_ DRIVESIDE4 _H LED_CURRENT4_H[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE3 _H LED_CURRENT3_H[6:0] 0x01E7 COUNTS_H [15:8] NUM_INT_H[7:0] 0x0101 R/W [7:0] NUM_REPEAT_H[7:0] 0x01E8 PERIOD_H [15:8] Reserved MOD_TYPE_H[1:0] Reserved MIN_PERIOD_H[9:8] 0x0000 R/W [7:0] MIN_PERIOD_H[7:0] 0x01E9 LED_PULSE _H [15:8] LED_WIDTH_H[7:0] 0x0210 R/W [7:0] LED_OFFSET_H[7:0] 0x01EA INTEG_ SETUP_H [15:8] SINGLE_ INTEG_H CH2_AMP_DISABLE_H[2:0] AFE_INT_C _BUF_H CH1_AMP_DISABLE_H[2:0] 0x0003 R/W [7:0] ADC_COUNT_H[1:0] Reserved INTEG_WIDTH_H[4:0] 0x01EB INTEG_OS_ H [15:8] Reserved INTEG_ OFFSET_H[12:8] 0x0214 R/W [7:0] INTEG_OFFSET_H[7:0] 0x01EC MOD_ PULSE_H [15:8] MOD_WIDTH_H[7:0] 0x0001 R/W [7:0] MOD_OFFSET_H[7:0] 0x01ED PATTERN_H [15:8] LED_DISABLE_H[3:0] MOD_DISABLE_H[3:0] 0x0000 R/W [7:0] SUBTRACT_H[3:0] REVERSE_INTEG_H[3:0] 0x01EE ADC_OFF1_ H [15:8] Reserved CH1_ADC_ADJUST_H[13:8] 0x0000 R/W [7:0] CH1_ADC_ADJUST_H[7:0] 0x01EF ADC_OFF2_ H [15:8] ZERO_ ADJUST_H Reserved CH2_ADC_ADJUST_H[13:8] 0x0000 R/W [7:0] CH2_ADC_ADJUST_H[7:0] 0x01F0 DATA_ FORMAT_H [15:8] DARK_SHIFT_H[4:0] DARK_SIZE_H[2:0] 0x0003 R/W |